Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 103 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 103 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 99Page - SPANSION S71PL129JC0 Datasheet HTML 100Page - SPANSION S71PL129JC0 Datasheet HTML 101Page - SPANSION S71PL129JC0 Datasheet HTML 102Page - SPANSION S71PL129JC0 Datasheet HTML 103Page - SPANSION S71PL129JC0 Datasheet HTML 104Page - SPANSION S71PL129JC0 Datasheet HTML 105Page - SPANSION S71PL129JC0 Datasheet HTML 106Page - SPANSION S71PL129JC0 Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
101
Advance
Informatio n
AC Characteristics
(16Mb pSRAM Asynchronous)
Asynchronous
Performance Grade
-55
-70
Density
16Mb pSRAM
16Mb pSRAM
3 Volt
Symbol
Parameter
Min
Max
Units
Min
Max
Units
trc
Read cycle time
55
ns
70
ns
taa
Address Access
Time
55
ns
70
ns
tco
Chip select to
output
55
ns
70
ns
toe
Output enable to
valid output
30
ns
35
ns
tba
UB#, LB# Access
time
55
ns
70
ns
tlz
Chip select to
Low-z output
5ns
5
ns
tblz
UB#, LB# Enable
to Low-Z output
5ns
5
ns
tolz
Output enable to
Low-Z output
5ns
5
ns
thz
Chip enable to
High-Z output
025
ns
0
25
ns
tbhz
UB#, LB#
disable to High-Z
output
025
ns
0
25
ns
tohz
Output disable to
High-Z output
025
ns
0
25
ns
toh
Output hold from
Address Change
10
ns
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com