Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 121 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 121 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 117Page - SPANSION S71PL129JC0 Datasheet HTML 118Page - SPANSION S71PL129JC0 Datasheet HTML 119Page - SPANSION S71PL129JC0 Datasheet HTML 120Page - SPANSION S71PL129JC0 Datasheet HTML 121Page - SPANSION S71PL129JC0 Datasheet HTML 122Page - SPANSION S71PL129JC0 Datasheet HTML 123Page - SPANSION S71PL129JC0 Datasheet HTML 124Page - SPANSION S71PL129JC0 Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 153 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71PL129Jxx_00
Revision A Amendment 8 Issue Date October 28, 2005
Features
Process Technology: CMOS
Organization: x16 bit
Power Supply Voltage: 2.7~3.1V
Three State Outputs
Compatible with Low Power SRAM
Product Information
Type 2 pSRAM
16Mbit (1M Word x 16-bit)
32Mbit (2M Word x 16-bit)
64Mbit (4M Word x 16-bit)
128Mbit (8M Word x 16-bit)
ADVANCE
INFORMATION
Density
VCC Range
Standby
(ISB1, Max.)
Operating
(ICC2, Max.)
Mode
16Mb
2.7-3.1V
80 µA
30 mA
Dual CS
16Mb
2.7-3.1V
80 µA
35 mA
Dual CS and Page Mode
32Mb
2.7-3.1V
100 µA
35 mA
Dual CS
32Mb
2.7-3.1V
100 µA
40 mA
Dual CS and Page Mode
64Mb
2.7-3.1V
TBD
TBD
Dual CS
64Mb
2.7-3.1V
120 µA
45 µA
Dual CS and Page Mode
128Mb
2.7-3.1V
TBD
TBD
Dual CS and Page Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com