Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 124 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 124 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 120Page - SPANSION S71PL129JC0 Datasheet HTML 121Page - SPANSION S71PL129JC0 Datasheet HTML 122Page - SPANSION S71PL129JC0 Datasheet HTML 123Page - SPANSION S71PL129JC0 Datasheet HTML 124Page - SPANSION S71PL129JC0 Datasheet HTML 125Page - SPANSION S71PL129JC0 Datasheet HTML 126Page - SPANSION S71PL129JC0 Datasheet HTML 127Page - SPANSION S71PL129JC0 Datasheet HTML 128Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 153 page
background image
122
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
Legend:X = Don’t care (must be low or high state).
Absolute Maximum Ratings
Notes:
1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. Functional
operation should be restricted to be used under recommended operating condition. Exposure to absolute maximum rating
conditions longer than one second may affect reliability.
DC Recommended Operating Conditions
Notes:
1. TA=-40 to 85°C, unless otherwise specified.
2. Overshoot: VCC+1.0V in case of pulse width ≤ 20ns.
3. Undershoot: -1.0V in case of pulse width ≤ 20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Capacitance
(Ta = 25°C, f = 1 MHz)
Note: This parameter is sampled periodically and is not 100% tested.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN , VOUT
-0.2 to VCC+0.3V
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 3.6V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
°C
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power Supply Voltage
2.7
2.9
3.1
V
VSS
Ground
0
0
0
VIH
Input High Voltage
2.2 (16Mb, 32Mb, 128Mb)
0.8 x VCC (64Mb
—
VCC + 0.3 (16Mb, 32Mb, 128Mb)
VCC + 0.2 (64Mb)
(Note 2)
VIL
Input Low Voltage
-0.2 (Note 3)
—
0.6
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
—
8
pF
CIO
Input/Output Capacitance
VOUT = 0V
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com