Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 128 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 128 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 124Page - SPANSION S71PL129JC0 Datasheet HTML 125Page - SPANSION S71PL129JC0 Datasheet HTML 126Page - SPANSION S71PL129JC0 Datasheet HTML 127Page - SPANSION S71PL129JC0 Datasheet HTML 128Page - SPANSION S71PL129JC0 Datasheet HTML 129Page - SPANSION S71PL129JC0 Datasheet HTML 130Page - SPANSION S71PL129JC0 Datasheet HTML 131Page - SPANSION S71PL129JC0 Datasheet HTML 132Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 153 page
background image
126
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
AC Operating Conditions
Test Conditions (Test Load and Test Input/Output Reference)
Input pulse level: 0.4 V to 2.2 V (16Mb, 32Mb, 128Mb); 0.3 V to 2.2 V
(64Mb)
Input rising and falling time: 5ns (16Mb, 32Mb); 3ns (64Mb, 128Mb)
Input and output reference voltage: 1.5V (16Mb, 32Mb); 0.5 x VCC (64Mb,
128Mb)
Output load (See Figure 45): 50pF (16Mb, 32Mb); 30pF (64Mb, 128Mb)
Note: Including scope and jig capacitance.
Figure 45. Output Load
CL
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com