Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 131 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 131 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 127Page - SPANSION S71PL129JC0 Datasheet HTML 128Page - SPANSION S71PL129JC0 Datasheet HTML 129Page - SPANSION S71PL129JC0 Datasheet HTML 130Page - SPANSION S71PL129JC0 Datasheet HTML 131Page - SPANSION S71PL129JC0 Datasheet HTML 132Page - SPANSION S71PL129JC0 Datasheet HTML 133Page - SPANSION S71PL129JC0 Datasheet HTML 134Page - SPANSION S71PL129JC0 Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
129
Advance
Informatio n
Notes:
1. 16Mb: A2 ~ A19, 32Mb: A2 ~ A20, 64Mb: A2 ~ A21, 128Mb: A2 ~ A22.
tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to
output voltage levels.
At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
tOE(max) is met only when OE# becomes enabled after tAA(max).
If invalid address signals shorter than min. tRC are continuously repeated for over 4µs, the device needs a normal read
timing (tRC) or needs to sustain standby state for min. tRC at least once in every 4µs.
Write Timings
Figure 48. Timing Waveform of Page Cycle (Page Mode Only)
Figure 49. Write Cycle #1 (WE# Controlled)
Data
Valid
Data
Valid
Data
Valid
Data
Valid
Valid
Address
Valid
Address
Valid
Address
Valid
Address
Valid
Address
tPC
tPA
High Z
A1~A0
DQ15~DQ0
OE#
tOHZ
tOE
tCO
tAA
CS1#
CS2
Address1)
Address
CS1#
Data Undefined
UB#, LB#
WE#
Data in
Data out
tWC
tCW
tWR
tAW
tBW
tWP
tAS
tDH
tDW
tWHZ
tOW
High-Z
High-Z
Data Valid
CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com