Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 137 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 137 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 133Page - SPANSION S71PL129JC0 Datasheet HTML 134Page - SPANSION S71PL129JC0 Datasheet HTML 135Page - SPANSION S71PL129JC0 Datasheet HTML 136Page - SPANSION S71PL129JC0 Datasheet HTML 137Page - SPANSION S71PL129JC0 Datasheet HTML 138Page - SPANSION S71PL129JC0 Datasheet HTML 139Page - SPANSION S71PL129JC0 Datasheet HTML 140Page - SPANSION S71PL129JC0 Datasheet HTML 141Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
135
Advance
Informatio n
Absolute Maximum Ratings
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature,
etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Recommended Operating Conditions
(See Warning Below)
Notes:
1. Maximum DC voltage on input and I/O pins is VDD+0.2V. During voltage transitions, inputs can positive overshoot to VDD+1.0V for periods
of up to 5 ns.
2. Minimum DC voltage on input or I/O pins is -0.3V. During voltage transitions, inputs can negative overshoot VSS to -1.0V for
periods of up to 5ns.
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All the de-
vice’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside these ranges can
adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representative beforehand.
Package Capacitance
Test conditions: TA = 25°C, f = 1.0 MHz
Item
Symbol
Value
Unit
Voltage of VDD Supply Relative to VSS
VDD
-0.5 to +3.6
V
Voltage at Any Pin Relative to VSS
VIN, VOUT
-0.5 to +3.6
V
Short Circuit Output Current
IOUT
±50
mA
Storage temperature
TSTG
-55 to +125
°C
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
2.7
3.1
V
VSS
0
0
V
High Level Input Voltage (Note 1)
VIH
VDD * 0.8
VDD+0.2
V
High Level Input Voltage (Note 1)
VIL
-0.3
VDD * 0.2
V
Ambient Temperature
TA
-30
85
°C
Symbol
Description
Test Setup
Typ
Max
Unit
CIN1
Address Input Capacitance
VIN = 0V
—
5
pF
CIN2
Control Input Capacitance
VIN = 0V
—
5
pF
CIO
Data Input/Output Capacitance
VIO = 0V
—
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com