Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 141 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 141 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 137Page - SPANSION S71PL129JC0 Datasheet HTML 138Page - SPANSION S71PL129JC0 Datasheet HTML 139Page - SPANSION S71PL129JC0 Datasheet HTML 140Page - SPANSION S71PL129JC0 Datasheet HTML 141Page - SPANSION S71PL129JC0 Datasheet HTML 142Page - SPANSION S71PL129JC0 Datasheet HTML 143Page - SPANSION S71PL129JC0 Datasheet HTML 144Page - SPANSION S71PL129JC0 Datasheet HTML 145Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 153 page
background image
October 28, 2005 S71PL129Jxx_00_A8
S71PL129JC0/S71PL129JB0/S71PL129JA0
139
Advance
Informatio n
AC Characteristics
Power Down Parameters
Notes:
1. Applicable also to power-up.
2. Applicable when 4Mb and 8Mb Partial modes are programmed.
Other Timing Parameters
Notes:
1. Some data might be written into any address location if tCHWX(min) is not satisfied.
2. The Input Transition Time (tT) at AC testing is 5ns as shown in below. If actual tT is longer than 5ns, it can violate the AC
specification of some of the timing parameters.
Parameter
Symbol
16M
32M
64M
Unit
Note
Min.
Max.
Min.
Max.
Min.
Max.
CE2 Low Setup Time for Power Down Entry
tCSP
10
—
10
—
10
—
ns
CE2 Low Hold Time after Power Down Entry
tC2LP
80
—
65
—
65
—
ns
CE1# High Hold Time following CE2 High after Power Down Exit
[SLEEP mode only]
tCHH
300
—
300
—
300
—
μs1
CE1# High Hold Time following CE2 High after Power Down Exit
[not in SLEEP mode]
tCHHP
N/A
1
—
1
—
μs2
CE1# High Setup Time following CE2 High after Power Down Exit
tCHS
0—
0—
0—
ns
1
Parameter
Symbol
16M
32M
64M
Unit
Note
Min.
Max.
Min.
Max.
Min.
Max.
CE1# High to OE# Invalid Time for Standby Entry
tCHOX
10
—
10
—
10
—
ns
CE1# High to WE# Invalid Time for Standby Entry
tCHWX
10
—
10
—
10
—
ns
1
CE2 Low Hold Time after Power-up
tC2LH
50
—
50
—
50
—
μs
CE1# High Hold Time following CE2 High after Power-up
tCHH
300
—
300
—
300
—
μs
Input Transition Time
tT
125
1
25125
ns
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com