Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10085HT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA10085HT
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085HT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA10085HT Datasheet HTML 1Page - NXP Semiconductors TDA10085HT Datasheet HTML 2Page - NXP Semiconductors TDA10085HT Datasheet HTML 3Page - NXP Semiconductors TDA10085HT Datasheet HTML 4Page - NXP Semiconductors TDA10085HT Datasheet HTML 5Page - NXP Semiconductors TDA10085HT Datasheet HTML 6Page - NXP Semiconductors TDA10085HT Datasheet HTML 7Page - NXP Semiconductors TDA10085HT Datasheet HTML 8Page - NXP Semiconductors TDA10085HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2001 Aug 31
4
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
VERSION
NAME
DESCRIPTION
TDA10085HT
TQFP64
plastic thin quad flat package; 64 leads; body 10
× 10 × 1.0 mm
SOT357-1
handbook, full pagewidth
PWM
ENCODER
AGC
DETECTION
PLL
I2C-BUS
TUNER SWITCH
I2C-BUS
INTERFACE
COMPLEX
MULTIPLIER
VITERBI
DECODER
CONTROL
LOGIC
TDA10085HT
DISECQ
22K
63
21
22
31
5
6
24
11
43
50
49
48
47
41
40
36
35
34
OCLK
DEN
UNCOR
PSYNC
TDO
TDI
TRST
TCK
TMS
37
FEL
51
DO0
52
DO1
53
DO2
54
DO3
59
DO4
60
DO5
61
DO6
62
DO7
23, 45,
58
9, 25, 39,
56, 64
CTRL1
CTRL3
PLLGND DGDND
VDDE5
7
DVCC
4
PLLVCC
42
ADVD
16
AVD
10
VDD3
3, 8, 26,
38, 55
VDDI
27, 44,
57
VDDE
17
30
33
32
29
28
15
12
1
2
19
13
14
18
46
VSSI
AVS
ADVS
VSSE
MGU427
CTRL2
DE-INTERLEAVER
REED SOLOMON
DECODER
DE-SCRAMBLER
OUTPUT
INTERFACE
BOUNDARY SCAN
FILTER
BANK
HALF-NYQUIST
FILTERS
CLOCK
SYNC
NCO
SADDR0
VAGC
SCL
20
IICDIV
SDA
SCL-0
SDA-0
VIN1
VIN2
XIN
XOUT
VREFN
ENSERI
VREFP
TMD
CLB#
AGC
DETECTION
CARRIER
SYNC
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com