Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10085HT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA10085HT
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085HT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA10085HT Datasheet HTML 7Page - NXP Semiconductors TDA10085HT Datasheet HTML 8Page - NXP Semiconductors TDA10085HT Datasheet HTML 9Page - NXP Semiconductors TDA10085HT Datasheet HTML 10Page - NXP Semiconductors TDA10085HT Datasheet HTML 11Page - NXP Semiconductors TDA10085HT Datasheet HTML 12Page - NXP Semiconductors TDA10085HT Datasheet HTML 13Page - NXP Semiconductors TDA10085HT Datasheet HTML 14Page - NXP Semiconductors TDA10085HT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2001 Aug 31
11
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
10 APPLICATION INFORMATION
handbook, full pagewidth
8
TDA10085HT
VREFP
VREFN
VAGC
30
51-54
59-62
12
28
29
33
32
2
1
XIN
XOUT
DO[7-0]
50
OCLK
49
DEN
48
UNCOR
47
PSYNC
SDA-0
SCL-0
SCL
SDA
MGU428
VIN2
GND
15
14
13
VIN1
PLL
LO
from
LNB
90
° PHASE
SHIFT
MIXER
×
MIXER
×
The TDA10085 can receive a 4 MHz clock signal delivered by the PLL synthesizer, or can generate the sampling clock from a crystal connected
between XIN and XOUT.
Bypass capacitors (0.1
µF) should be placed close to ADC voltage references VREFP and VREFN.
Fig.3 Front-end receiver schematic.
handbook, full pagewidth
8
TDA10085
TUNER
channel I
VIN1
VAGC
30
15
51-54
59-62
12
28
29
33
32
63
21
CTRL1
22K
MPEG2
transport
stream
DO[7-0]
SDA-0
SCL-0
SCL
SDA
MGU429
VIN2
channel Q
LNB
LNB SUPPLY
GENERATION
Fig.4 Typical use of CTRL1 and 22K outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com