Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10085HT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA10085HT
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085HT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA10085HT Datasheet HTML 3Page - NXP Semiconductors TDA10085HT Datasheet HTML 4Page - NXP Semiconductors TDA10085HT Datasheet HTML 5Page - NXP Semiconductors TDA10085HT Datasheet HTML 6Page - NXP Semiconductors TDA10085HT Datasheet HTML 7Page - NXP Semiconductors TDA10085HT Datasheet HTML 8Page - NXP Semiconductors TDA10085HT Datasheet HTML 9Page - NXP Semiconductors TDA10085HT Datasheet HTML 10Page - NXP Semiconductors TDA10085HT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2001 Aug 31
7
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
Notes
1. TTL, 5 V tolerant input (if VDDE5 is connected to 5 V).
2. DGND, VSSI and VSSE can be connected to the same ground plane.
TDO
41
I/O
boundary scan mode: test data serial output; output provided on the
falling edge of TCK
serial mode enabled (ENSERI = 1): serial TS enable input; must be
set to VSS when not in serial mode
ADVD
42
supply
analog supply voltage for the 2nd PLL (typically 1.8 V)
ADVS
43
ground
analog ground voltage for the 2nd PLL
VDDE
44
supply
digital supply voltage (typically 3.3 V)
VSSE
45
ground
digital ground voltage; see note 2
CLB#
46
I
asynchronous, active LOW input that clears the TDA10085; when
CLB# goes LOW the circuit immediately enters its RESET mode and
normal operation resumes three XIN rising edges later after CLB#
returns HIGH; at RESET, the I2C-bus register contents are all
initialized to their default values; the minimum width of CLB# LOW
level is three XIN clock periods; pin CLB# is not TTL, 5 V tolerant
PSYNC
47
O
packet sync output signal goes HIGH on a rising edge of OCLK each
time the first byte of a packet is provided
UNCOR
48
O
uncorrectable packet output signal goes HIGH on a rising edge of
OCLK when the packet provided is uncorrectable
DEN
49
O
data enable; this output signal is HIGH when there is valid data on
bus DO[7:0]
OCLK
50
O
output clock for the parallel DO[7:0] outputs; OCLK is generated
internally and depends on which interface type is selected
DO0
51
O
transport stream data output bits; part of the 8-bit parallel data output
after demodulation, Viterbi decoding, de-interleaving, RS decoding
and de-scrambling; possible output interfaces are three parallel and
two serial
DO1
52
O
DO2
53
O
DO3
54
O
VDDI
55
supply
digital core supply voltage (typically 1.8 V)
VSSI
56
ground
digital core ground voltage; see note 2
VDDE
57
supply
digital supply voltage (typically 3.3 V)
VSSE
58
ground
digital ground voltage; see note 2
DO4
59
O
transport stream data output bits; part of the 8-bit parallel data output
after demodulation, Viterbi decoding, de-interleaving, RS decoding
and de-scrambling; possible output interfaces are three parallel and
two serial
DO5
60
O
DO6
61
O
DO7
62
O
22K
63
O
22 kHz output used to control the antenna LNB (output is controlled
via the I2C-bus interface)
VSSI
64
ground
digital core ground voltage; see note 2
SYMBOL
PIN
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com