Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1010CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LT1010CDD
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1010CDD Datasheet HTML 8Page - Linear Technology LT1010CDD Datasheet HTML 9Page - Linear Technology LT1010CDD Datasheet HTML 10Page - Linear Technology LT1010CDD Datasheet HTML 11Page - Linear Technology LT1010CDD Datasheet HTML 12Page - Linear Technology LT1010CDD Datasheet HTML 13Page - Linear Technology LT1010CDD Datasheet HTML 14Page - Linear Technology LT1010CDD Datasheet HTML 15Page - Linear Technology LT1010CDD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1010
1010fc
excellent matching of the feedback resistors is required to
get high output resistance. Output is bidirectional.
APPLICATIO S I FOR ATIO
A2
LT1010
R3
100k
0.01%
V2
R1
100k
0.01%
R2
100k
0.01%
R4
100k
0.01%
R4
10
Ω
0.1%
V1
1010 AI13
IOUT
–
+
A1
LT1012
R2(V2 – V1)
R1R4
IOUT =
A2
LT1010
R1
10
Ω
0.1%
VIN
10R1
IOUT =
VIN
IOUT
1010AI14
6
7
2
3
5
A1
LM163
×10
This circuit uses an instrumentation amplifier to eliminate
the matched resistors. The input is not high impedance
and must be driven from a low impedance source like an
op amp. Reversal of output sense can be obtained by
grounding Pin 7 of the LM163 and driving Pin 5.
enables the current regulator to get control of the output
current from the buffer current limit within a microsecond
for an instantaneous short.
In the voltage regulation mode, A1 and A2 act as a fast
voltage follower using the capacitive load isolation tech-
nique described earlier. Load transient recovery as well as
capacitive load stability are determined by C1. Recovery
from short circuit is clean.
Bidirectional current limit can be obtained by adding
another op amp connected as a complement to A3.
Supply Splitter
Dual supply op amps and comparators can be operated
from a single supply by creating an artificial ground at half
the supply voltage. The supply splitter shown here can
source or sink 150mA.
The output capacitor, C2, can be made as large as neces-
sary to absorb current transients. An input capacitor is
also used on the buffer to avoid high frequency instability
that can be caused by high source impedance.
Output resistances of several megohms can be obtained
with both circuits. This is impressive considering the
±150mAoutputcapability.Highfrequencyoutputcharac-
teristics will depend on the bandwidth and slew rate of the
amplifiers. Both these circuits have an equivalent output
capacitance of about 30nF.
Voltage/Current Regulator
This circuit regulates the output voltage at VV until the
load current reaches a value programmed by VI. For
heavier loads, it is a precision current regulator.
With output currents below the current limit, the current
regulator is disconnected from the loop by D1 with D2
keeping its output out of saturation. This output clamp
A2
LT1010
D1
1N457
D2
1N457
C1
1nF
R3
2
Ω
R4
2k
0.1%
R2
2k
1010 AI15
A3
LT118A
VI
10mA/V
VV
1V/V
R5
2k
0.1%
OUTPUT
R6
99.8k
0.1%
R1
2k
R7
99.8k
0.1%
C2
10pF
A1
LT118A
A1
LT1010
R2
10k
R1
10k
C1
1nF
C3
0.1
µF
C2
0.01
µF
V+/2
1010 AI16
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com