Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1010CDD Datasheet(PDF) 15 Page - Linear Technology

Part # LT1010CDD
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CDD Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1010CDD Datasheet HTML 11Page - Linear Technology LT1010CDD Datasheet HTML 12Page - Linear Technology LT1010CDD Datasheet HTML 13Page - Linear Technology LT1010CDD Datasheet HTML 14Page - Linear Technology LT1010CDD Datasheet HTML 15Page - Linear Technology LT1010CDD Datasheet HTML 16Page - Linear Technology LT1010CDD Datasheet HTML 17Page - Linear Technology LT1010CDD Datasheet HTML 18Page - Linear Technology LT1010CDD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1010
1010fc
APPLICATIO S I FOR ATIO
Typical thermal calculations for the miniDIP package are
detailed in the following paragraphs.
For 4.8mA supply current (typical at 50
°C, 30V supply
voltage—see supply current graphs) to the LT1010 at
±15V, PD = power dissipated in the part is equal to:
(30V)(0.0048A) = 0.144W
The rise in junction is then:
(0.144W)(130
°C/W—This is θJA for the N package)
= 18.7
°C.
This means that the junction temperature in 50
°C ambient
air without driving any current into a load is:
18.7
°C + 50°C = 68.7°C
Using the LT1010 to drive 8V DC into a 200
Ω load using
±15V power supplies dissipates PD in the LT1010 where:
P
VV
V
R
VV
V
W
D
OUT
OUT
L
= ()()
= ()( )
Ω
=
+ –
–
.
15
8
8
200
0 280
This causes the LT1010 junction temperature to rise
another (0.280W)(0.130
°C/W) = 36.4°C.
This heats the junction to 68.7
°C + 36.4°C = 105.1°C.
Caution: This exceeds the maximum operating tempera-
ture of the device.
An example of 1MHz operation further shows the limita-
tions of the N (or miniDIP) package. For
±15V operation:
PD at IL = 0 at 1MHz* = (10mA)(30V) = 0.30W
This power dissipation causes the junction to heat from
50
°C (ambient in this example) to 50°C + (0.3W)
(130
°C/W) = 89°C. Driving 2VRMS of 1MHz signal into a
200
Ω load causes an additional
P
V
W
D =
Ω
⎛
⎝⎜
⎞
⎠⎟ ()
=
2
200
15 2
0 130
•–
.
to be dissipated, resulting in another (0.130W)
(0.130
°C/W) = 16.9°C rise in junction temperature to
89
°C + 16.9°C = 105.9°C.
Caution: This exceeds the maximum operating tempera-
ture of the device.
Thermal Resistance of DFN Package
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following table lists thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. DFN Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
40
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
45
°C/W
225 sq mm
2500 sq mm
2500 sq mm
50
°C/W
100 sq mm
2500 sq mm
2500 sq mm
62
°C/W
For the DFN package, the thermal resistance junction-to-
case (
θJC),measuredattheexposedpadonthebackofthe
die, is 16
°C/W.
Continuous operation at the maximum supply voltage and
maximum load current is not practical due to thermal
limitations. Transient operation at the maximum supply is
possible. The approximate thermal time constant for a
2500sq mm 3/32" FR-4 board with maximum topside and
backside area for one ounce copper is 3 seconds. This time
constant will increase as more thermal mass is added (i.e.
vias, larger board, and other components).
For an application with transient high power peaks, aver-
age power dissipation can be used for junction tempera-
ture calculations as long as the pulse period is significantly
less than the thermal time constant of the device and
board.
*See Supply Current vs Frequency graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com