Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1010CDD Datasheet(PDF) 18 Page - Linear Technology

Part # LT1010CDD
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CDD Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1010CDD Datasheet HTML 12Page - Linear Technology LT1010CDD Datasheet HTML 13Page - Linear Technology LT1010CDD Datasheet HTML 14Page - Linear Technology LT1010CDD Datasheet HTML 15Page - Linear Technology LT1010CDD Datasheet HTML 16Page - Linear Technology LT1010CDD Datasheet HTML 17Page - Linear Technology LT1010CDD Datasheet HTML 18Page - Linear Technology LT1010CDD Datasheet HTML 19Page - Linear Technology LT1010CDD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1010
1010fc
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130
± .005
(3.302
± 0.127)
.020
(0.508)
MIN
.018
± .003
(0.457
± 0.076)
.120
(3.048)
MIN
12
3
4
87
6
5
.255
± .015*
(6.477
± 0.381)
.400*
(10.160)
MAX
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com