Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMBA2N10AS Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EMBA2N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA2N10AS Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EMBA2N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2019/10/2
p.2
EMBA2N10AS
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
100
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
1.0
1.8
3.0
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80V, VGS = 0V
1
A
VDS = 70V, VGS = 0V, TJ = 125 °C
25
On-State Drain Current1
ID(ON)
VDS = 10V, VGS = 10V
17
A
Drain-Source On-State Resistance1
RDS(ON)
VGS = 10V, ID = 8A
80
100
mΩ
VGS = 4.5V, ID = 5A
105
150
Forward Transconductance1
gfs
VDS = 5V, ID = 8A
8
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
213.8
pF
Output Capacitance
Coss
71.5
Reverse Transfer Capacitance
Crss
11.7
Gate Resistance
Rg
VGS = 15mV, VDS = 0V, f = 1MHz
1.0
Ω
Total Gate Charge1,2
Qg
VDS = 80V, VGS = 10V,
ID = 8A
6.4
nC
Gate-Source Charge1,2
Qgs
0.6
Gate-Drain Charge1,2
Qgd
2.4
Turn-On Delay Time1,2
td(on)
Vdd=50V, ID=14A, Rg=6.8 ohm,
Vgs=10V
4.6
nS
Rise Time1,2
tr
4.3
Turn-Off Delay Time1,2
td(off)
12.9
Fall Time1,2
tf
1.7
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
17
A
Pulsed Current3
ISM
68
Forward Voltage1
VSD
IF = 1A, VGS = 0V
1.3
V
Reverse Recovery Time
trr
IF=14A, di/dt=100 A/uS
50.5
nS
Reverse Recovery Charge
Qrr
35.7
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
EMC will review datasheet by quarter, and update new version.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com