Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMBA2N10AS Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMBA2N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA2N10AS Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMBA2N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2019/10/2
p.1
EMBA2N10AS
N-Channel Logic Level Enhancement Mode Field Effect Transistor
Product Summary:
N Channel MOSFET
UIS, Rg 100% Tested
Pb-Free Lead Plating & Halogen Free
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNIT
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25 °C
ID
17
A
TC = 100 °C
11
Pulsed Drain Current1
IDM
68
Avalanche Current
L = 0.01mH
IAS
2.5
Avalanche Energy
L = 1.0mH
EAS
3.0
mJ
Repetitive Avalanche Energy2
L = 0.5mH
EAR
1.5
Power Dissipation
TC = 25 °C
PD
50
W
TC = 100 °C
20
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNIT
Junction-to-Case
RJC
2.5
°C / W
Junction-to-Ambient
RJA
75
1Pulse width limited by maximum junction temperature.
2Duty cycle  1%
375°C / W when mounted on a 1 in2 pad of 2 oz copper.
N-CH
BVDSS
100V
RDSON (MAX.)@VGS=10V
100mΩ
RDSON (MAX.)@VGS=4.5V
150mΩ
ID @TC=25℃
17A


Similar Part No. - EMBA2N10AS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMBA2N10A EXCELLIANCE-EMBA2N10A Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMBA2N10AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com