Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMBA2N10AS Datasheet(PDF) 6 Page - Excelliance MOS Corp.

Part # EMBA2N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA2N10AS Datasheet(HTML) 6 Page - Excelliance MOS Corp.

  EMBA2N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2019/10/2
p.6
EMBA2N10AS
◆ Tape&Reel Information:2500pcs/Reel(Dimension in millimeter)
FEED DIRECTION
±
0.3 0.05
6.9±0.1
8.0
2.0±0.1
4±0.2
2.70±0.1
16.4
2.3±0.1
產品別
TO252-2
Reel 尺寸
13”
編帶方式
前空格
35
後空格
35
裝箱數
滿捲數量
2.5K
捲/內盒比
1:1
內盒滿箱數
2.5K
內/外箱比
10:1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com