Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF44P03JS Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EMF44P03JS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF44P03JS Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EMF44P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 5Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2019/8/7
p.2
EMF44P03JS
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP
MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-0.3 -0.75
-1.2
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±12V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -24V, VGS = 0V
-1
A
VDS = -20V, VGS = 0V, TJ = 125 °C
-10
On-State Drain Current1
ID(ON)
VDS = -5V, VGS = -4.5V
-4
A
Drain-Source On-State Resistance1
RDS(ON)
VGS = -10V, ID = -4.5A
32
38
mΩ
VGS = -4.5V, ID = -4A
39
44
VGS = -2.5V, ID = -3A
60
75
Forward Transconductance1
gfs
VDS = -5V, ID = -4A
13
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -15V, f = 1MHz
1170
pF
Output Capacitance
Coss
185
Reverse Transfer Capacitance
Crss
137
Total Gate Charge1,2
Qg
VDS = -15V, VGS = -4.5V,
ID = -4A
14.2
nC
Gate-Source Charge1,2
Qgs
3.2
Gate-Drain Charge1,2
Qgd
4.1
Turn-On Delay Time1,2
td(on)
10
nS
Rise Time1,2
tr
VDS = -15V,
10
Turn-Off Delay Time1,2
td(off)
ID = -1A, VGS = -4.5V, RGS = 6Ω
45
Fall Time1,2
tf
15
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
-4
A
Pulsed Current3
ISM
-16
Forward Voltage1
VSD
IF = IS, VGS = 0V
-1.2
V
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
EMC will review datasheet by quarter, and update new version.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com