Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF44P03JS Datasheet(PDF) 6 Page - Excelliance MOS Corp.

Part # EMF44P03JS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF44P03JS Datasheet(HTML) 6 Page - Excelliance MOS Corp.

  EMF44P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 5Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2019/8/7
p.6
EMF44P03JS
ψ
15
6
1.5±0.1
12.3±1
9.5±1
4.0±0.1
4.0±0.1
1.22±0.1
2.0±0.1
Tape&Reel Information:3000pcs/Reel(Dimension in millimeter)
產品別
SOT23-3
Reel 尺寸
7”
編帶方式
前空格
50
後空格
50
裝箱數
滿捲數量
3K
捲
/內盒比
5:1
內盒滿箱數
15K
內
/外箱比
12:1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com