Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF44P03JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF44P03JS
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF44P03JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF44P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 5Page - Excelliance MOS Corp. EMF44P03JS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2019/8/7
p.4
EMF44P03JS
Gate Threshold Voltage v.s. Junction Temperature
T - Junction Temperature (°C)
0
-50
0.50
0.25
0.75
J
0
50
1.00
1.25
1.50
150
100
t ,Time ( SEC )
Single Pulse Maximum Power Dissipation
0.001
0
5
1
0.1
0.01
1
10
15
20
1000
10
100
A
Single Pulse
R = 100°C/W
T = 25°C
θ
JA
-1
t1 ,Time ( SEC )
Transient Thermal Response Curve
10-4
0.05
0.02
0.01
0.1
10
-3
10
-2
10
Single Pulse
Duty Cycle =0.5
0.2
1
4.R (t)=r(t) * R
3.T - T =P * R (t)
2.R =100°C/W
1.Duty Cycle,D=
t1
P
Notes:
1
10
θ
JA
J
θ
JA
DM
1000
θ
JA
100
t1
t2
t2
θ
JA
A
0.01
0.1
DC
-V - Drain-Source Voltage( V )
Maximum Safe Operating Area
V = -4.5V
Single Pulse
R = 100°C/W
T = 25°C
0.1
0.01
0.1
DS
1
JA
A
GS
R
Lim
it
1
10
100
DS(
ON
)
10s
10
100
100μs
10ms
100ms
1s
1ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com