Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST79LF008 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST79LF008
Description  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 252 page
background image
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
21
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
Miscellaneous and Dedicated GPIOs (52)
EC1_SCI#/GPIO40
SIOD15
84
P11
1
Embedded Controller Interrupt: Embedded
controller interrupt output for port 68H/6CH
Host interface, or GPIO Port
SMI#/GPIO21
SIOD15
62
L7
1
System Management Interrupt: System
management interrupt output, or GPIO Port
EC_SCI#/GPIO22
SIOD15
61
P6
1
Embedded Controller Interrupt: Embedded
controller interrupt output for port 62H/66H
Host interface, or GPIO Port
GPIO23
SIO6
60
N6
1
GPIO Port
GA20/GPIO7
IO5
85
M12
1
Gate A20: GA20 output, or GPIO Port
KBRST#/GPIO11
IO5
18
G2
1
KBC Reset to CPU: Keyboard Controller
reset output, or GPIO Port
SS2/GPIO14
IO5
76
P9
3
SS[2:0] LPC Host Status Signals:
LPC IO Host interface status signal output, or
GPIO Port
SS1/GPIO13
77
L10
SS0/GPIO12
17
G3
GPIO8
IO5
21
H3
5
GPIO Port
GPIO9
IO5
20
H4
GPIO41
IO5
83
N11
GPIO42
IO5
82
M11
GPIO55
SIO6
146
A9
GPIO67
IO5
134
B12
12
GPIO Port
GPIO66
135
A12
GPIO65
136
C11
GPIO64
137
B11
GPIO63
138
A11
GPIO62
139
D10
GPIO61
140
C10
GPIO60
141
B10
GPIO59
142
A10
GPIO58
143
D9
GPIO57
144
C9
GPIO56
145
B9
P17/GPIO93
IO5
99
K12
8
P[17:10] 8051 Port1 or GPIO Port
P16/GPIO92
100
K13
P15/GPIO91
101
K14
P14/GPIO90
102
J11
P13/GPIO89
103
J12
P12/GPIO88
104
J13
P11/GPIO87
105
J14
P10/GPIO86
106
H11
TABLE
2-1: Pin Descriptions (Continued) (4 of 6)
Symbol
I/O Buffer
Type
176-leads or balls
Number
of pins
Name and Functions
LQFP
TFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com