Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST79LF008 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST79LF008
Description  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 252 page
background image
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
29
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
3.3 Data Memory Addressing Modes
The Lower RAM is accessed by all 8051 instructions that
utilize both direct and indirect internal data memory
addressing modes. In addition the lowest 32 bytes (00H-
1FH) of Lower RAM are grouped into 4 banks of 8 regis-
ters, which can be accessed by 8051 register addressing
mode. Bytes 20H-2FH provide a 128-bit addressable
space, accessible by 8051 bit addressing mode (bit
addresses 00H-7FH).
Because the Upper RAM occupies the same addresses as
the SFRs, the respective data areas are distinguished by
the type of addressing mode used: the Upper RAM is
accessed via indirect internal data memory addressing
mode, and the SFRs are accessed via direct internal data
memory addressing mode. The SFRs that are located at
addresses ended with 0H or 8H are also bit-addressable
(bit addresses 80H-FFH).
The entire Expanded RAM and MMCRs are accessed by
8051 MOVX instructions that utilize indirect external data
memory addressing mode and DPTR pointer. Using
MOVX with R0/R1 indirect pointer can only access the low-
est 256 bytes of total 2KB Expanded RAM.
The 8051 stack with default 8-bit addressing mode can be
located anywhere within the 256 bytes of Lower and/or
Upper RAM.
For additional details on 8051 addressing modes refer to
the description of standard 8051 instruction set. For the
SST79LF008 enhanced 8051 MCU features, see Sec-
tion 6.0.
3.4 Special Function Registers (SFRs)
All Special Function Registers are located in 8051 internal
data memory space, addresses 80H – FFH. For the
detailed description of SFRs see the respective sections as
specified in Tables 3-2, 3-3, 3-4, and 3-5. Some of SFRs
contain reserved bits. On reads, software must not rely on
reserved bits being any particular value. On writes, zeros
should be written to reserved bits. When modifying a regis-
ter with reserved bits the values read from the reserved bits
can be written back to them. Software should not write to
non used locations in SFR space.
3.4.1 SFR Map
Function and bit definitions for registers ACC, B, PSW, and P1 are the same as in standard 8051 MCU. Registers
P0, P2, P3 are reserved. For the detailed description of all other SFRs see the respective sections as specified in
the reference charts below.
TABLE
3-1: Special Function Register Memory Map
8 BYTES
F8H
IPA1
1. Bit addressable SFRs
FFH
F0H
B1
IPAH
F7H
E8H
IEA1
EFH
E0H
ACC1
E7H
D8H
DFH
D0H
PSW1
SPCR
D7H
C8H
T2CON1
T2MOD
RCAP2L
RCAP2H
TL2
TH2
CFH
C0H
C7H
B8H
IP1
SADEN
BFH
B0H
P31
IPH
B7H
A8H
IE1
SADDR
SPSR
EXIF
CLKCON
AFH
A0H
P21
AUXR1
A7H
98H
SCON1
SBUF
ESP
ACON
9FH
90H
P11
DPX
97H
88H
TCON1
TMOD
TL0
TL1
TH0
TH1
8FH
80H
P01
SP
DPL
DPH
SPDR
PCON
87H
T3-1.0 1320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com