Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST79LF008 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST79LF008
Description  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 252 page
background image
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
13
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
TABLE 5-4: Clock Domains for SST79LF008 Modules . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
TABLE 6-1: 17-bit Addressing Mode-Specific Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
TABLE 7-1: Transfer Size Supported by the SST79LF008 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
TABLE 7-2: Firmware and LPC Memory Cycles START Field Definition . . . . . . . . . . . . . . . . . . . . . . . . . 82
TABLE 7-3: Firmware Memory Read Cycle Field Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
TABLE 7-4: Firmware Memory Write Cycle Field Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
TABLE 7-5: LPC Memory Read Cycle Field Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
TABLE 7-6: LPC Memory Write Cycle Field Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
TABLE 7-7: LPC I/O Read Cycle Field Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
TABLE 7-8: LPC I/O Write Cycle Field Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
TABLE 7-9: LPC Flash Command Definitions1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
TABLE 7-10: Product Identification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
TABLE 7-11: Valid MSIZE Field for Firmware Memory Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
TABLE 7-12: Block Locking Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
TABLE 7-13: Block Locking Register Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
TABLE 7-14: JEDEC ID Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
TABLE 7-15: Multi-byte Read/Write Configuration registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
TABLE 7-16: Unique ID Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
TABLE 8-1: SST79LF008 Interrupt Sources . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
TABLE 9-1: LPC Host Status Signals as a Function of SSEL[2:0]. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
TABLE 9-2: GPIO96-GPIO111 Input/Output configuration control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
TABLE 10-1: Timer 0 Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141
TABLE 10-2: Timer 1 Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
TABLE 10-3: Timer 2 Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
TABLE 10-4: Timer/Counters SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
TABLE 10-5: Timer Operating Mode as a Function of Mode Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
TABLE 10-6: LED 4/2/0 Behavior. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
TABLE 10-7: LED 3/1 Behavior . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
TABLE 11-1: Possible Addresses for Slaves 1 and 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 156
TABLE 11-2: Possible Addresses for Slave 3 and Slave 2/3 Combination . . . . . . . . . . . . . . . . . . . . . . . 156
TABLE 11-3: Serial Port Mode Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
TABLE 12-1: SCK Rate as a Function of SPI Clock Rate Select Bits (Master Only) . . . . . . . . . . . . . . . . 161
TABLE 12-2: SCK Rate as a Function of SPI Clock Rate Select Bits (Slave Only) . . . . . . . . . . . . . . . . . 162
TABLE 13-1: SMBus MMCRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
TABLE 16-1: Analog Input Channels/Data Registers relationship . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
TABLE 16-2: Channel and Mode Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
TABLE 18-1: Keyboard Controller Interface Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
TABLE 18-2: KBC Output Buffer Flags Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
TABLE 18-3: KBC Interrupt Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
TABLE 18-4: Mouse Interrupt Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
TABLE 18-5: KSO[15:0] Control. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
TABLE 19-1: GA20 Command Sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 210
TABLE 20-1: Embedded Controller Interface Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com