Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP14C Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP14C
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14C Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP14C Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2007 Silicon Storage Technology, Inc.
S71353-00-000
02/07
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
High Gain:
– Typically 32 dB gain across 2.4~2.5 GHz over
temperature 0°C to +85°C
High linear output power:
– >26 dBm P1dB
- Please refer to “Absolute Maximum Stress
Ratings” on page 4
– Meets 802.11g OFDM ACPR requirement up to
23 dBm
– ~4% added EVM up to 20 dBm for 54 Mbps
802.11g signal
– Meets 802.11b ACPR requirement up to 22.5
dBm
High power-added efficiency/Low operating
current for both 802.11b/g applications
– ~29%/205 mA @ POUT = 23 dBm for 802.11g
– ~27%/195 mA @ POUT = 22.5 dBm for 802.11b
Single-pin low IREF power-up/-down control
–IREF <2 mA
Low idle current
– ~100 mA ICQ
High-speed power-up/-down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/-down delay with driver delay
included <200 ns
High temperature stability
– ~1 dB power variation between 0°C to +85°C
Low shut-down current (< 0.1 µA)
Excellent On-chip power detection
– <+/- 0.5dB variation between 0°C to +85°C
– <+/- 0.3dB variation Ch1 through Ch14
20 dB dynamic range on-chip power detection
Simple input/output matching
Packages available
– 16-contact VQFN – 3mm x 3mm
All non-Pb (lead-free) devices are RoHS compliant
APPLICATIONS:
WLAN (IEEE 802.11b/g)
•Home RF
Cordless phones
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP14C is a versatile power amplifier based on
the highly-reliable InGaP/GaAs HBT technology.
The SST12LP14C can be easily configured for high-power
applications with good power-added efficiency (PAE) while
operating over the 2.4- 2.5 GHz frequency band. It typically
provides 32 dB gain with 29% PAE @ POUT = 23 dBm for
802.11g and 27% power-added efficiency @ POUT = 22.5
dBm for 802.11b.
This power amplifier has excellent linearity, typically ~4%
added EVM at 20 dBm output power. This is essential for
54 Mbps 802.11g operation while meeting 802.11g spec-
trum mask up to 23 dBm.
The SST12LP14C also features easy board-level usage
along with high-speed power-up/-down control through a
single combined reference voltage pin. Ultra-low reference
current (total IREF ~2 mA) makes the SST12LP14C control-
lable by an on/off switching signal directly from the base-
band chip. These features coupled with low operating
current make the this device ideal for the final stage power
amplification in battery-powered 802.11b/g WLAN transmit-
ter applications.
This power amplifier has an excellent on-chip and single-
ended power detector, which features a wide range
(>15 dB) with dB-wise linearization and high stability over
temperature (+/-0.5 dB 0°C to +85°C), and over frequency
(<+/-0.3 dB across Channels 1 through 14). The on-chip
power detector provides a reliable solution to board-level
power control.
The SST12LP14C is offered in 16-contact VQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C
SST-GP1214A2.4 GHz High Gain High Power PA


Similar Part No. - SST12LP14C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC SST-SST12LP14-QVC Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVC-K SST-SST12LP14-QVC-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE SST-SST12LP14-QVCE Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
SST12LP14-QVCE-K SST-SST12LP14-QVCE-K Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
More results

Similar Description - SST12LP14C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com