Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP14C Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST12LP14C
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14C Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST12LP14C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C
©2007 Silicon Storage Technology, Inc.
S71353-00-000
02/07
10
FIGURE 10: Detector Characteristics over Frequency with 2:1 Output VSWR All Phases
FIGURE 11: 802.11b Spectrum Mast at 22.5 dBm
Detector Voltage versus Output Power
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
01234567
8
9 101112 131415161718 19 20 21 22 23 24
Output Power (dBm)
Freq=2.412 GHz (Matched)
Freq=2.442 GHz (Matched)
Freq=2.484 GHz (Matched)
Freq=2.412 GHz (Min)
Freq=2.442 GHz (Min)
Freq=2.484 GHz (Min)
Freq=2.412 GHz (Max)
Freq=2.442 GHz (Max)
Freq=2.484 GHz (Max)
1353 F10.0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2.35
2. 40
2.45
2. 50
2.55
Freq = 2.412 GHz
Freq = 2.442 GHz
Freq = 2.484 GHz
Frequency (GHz)
1353 F11.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com