Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP14C Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST12LP14C
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP14C Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST12LP14C Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP14C Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C
11
©2007 Silicon Storage Technology, Inc.
S71353-00-000
02/07
FIGURE 12: Total Current Consumption for 802.11b Operation versus Output Power
FIGURE 13: Typical Schematic for High-Power/High-Efficiency 802.11b/g Applications
Supply Current versus Output Power
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
9
1011
1213
14
1516
1718
19
20
21
22
23
24
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
1353 F12.0
50
Ω/110 mil
RFOUT 50
Ω
100 pF
47 pF
2.0 pF
50
Ω / 140 mil
50
Ω RFin
VREG
10 µF
0.1 µF
Vcc
12 nH / 0603
R1 = 30
Ω
0.1 µF
Det
10 pF
1353 Schematic 1.1
Suggested operation conditions:
1. VCC = 3.3V
2. Center slug to RF ground
3. VREG=2.85V with R1=30
Ω
47 pF
1.2 pF
100 pF
2
56
8
16
15
1
14
49
11
12
10
13
3
Bias Circuit
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com