Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1159CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 3Page - Linear Technology LTC1159CS Datasheet HTML 4Page - Linear Technology LTC1159CS Datasheet HTML 5Page - Linear Technology LTC1159CS Datasheet HTML 6Page - Linear Technology LTC1159CS Datasheet HTML 7Page - Linear Technology LTC1159CS Datasheet HTML 8Page - Linear Technology LTC1159CS Datasheet HTML 9Page - Linear Technology LTC1159CS Datasheet HTML 10Page - Linear Technology LTC1159CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1159
LTC1159-3.3/LTC1159-5
increases, the output voltage decreases slightly. This causes
the output of the gain stage to increase the current com-
parator threshold, thus tracking the load current.
The sequence of events for Burst Mode operation is very
similar to continuous operation with the cycle interrupted
by the voltage comparator. When the output voltage is at or
above the desired regulated value, the P-channel MOSFET
is held off by comparator V and the timing capacitor con-
tinues to discharge below VTH1. When the timing capacitor
discharges past VTH2, voltage comparator S trips, causing
the internal SLEEP line to go low and the N-channel MOSFET
to turn off.
The circuit now enters sleep mode with both power
MOSFETs turned off. In sleep mode, much of the circuitry
(Refer to Functional Diagram)
OPERATIO
is turned off, dropping the supply current from several
milliamps (with the MOSFETs switching) to 300
µA. When
the output capacitor has discharged by the amount of
hysteresis in comparator V, the P-channel MOSFET is
again turned on and this process repeats. To avoid the
operation of the current loop interfering with Burst Mode
operation, a built-in offset is incorporated in the gain stage.
To prevent both the external MOSFETs from being turned
on at the same time, feedback is incorporated to sense the
state of the driver output pins. Before the N-gate output can
go high, the P-drive output must also be high. Likewise, the
P-drive output is prevented from going low when the
N-gate output is high.
APPLICATIO S I FOR ATIO
The LTC1159 Compared to the LTC1148/LTC1149
Families
The LTC1159 family is closest in operation to the LTC1149
and shares much of the applications information. In addi-
tion to reduced quiescent and shutdown currents, the
LTC1159 adds an internal switch which allows the driver
and control sections to be powered from an external
source for higher efficiency. This change affects Power
MOSFET Selection, EXTVCC Pin Connection, Important
Information About LTC1159 Adjustable Applications, and
Efficiency Considerations found in this section.
The basic LTC1159 application circuit shown in Figure 1
is limited to a maximum input voltage of 30V due to
MOSFET breakdown. If the application does not require
greater than 18V operation, then the LTC1148 or
LTC1148HV should be used. For higher input voltages
where quiescent and shutdown current are not critical, the
LTC1149 may be a better choice since it is set up to drive
standard threshold MOSFETs.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current. The
LTC1159 current comparator has a threshold range that
extends from a minimum of 0.025V/RSENSE to a maximum
of 0.15V/RSENSE. The current comparator threshold sets
the peak of the inductor ripple current, yielding a maximum
output current IMAX equal to the peak value less half the
peak-to-peak ripple current.
For proper Burst Mode opera-
tion, IRIPPLE(P-P) must be less than or equal to the minimum
current comparator threshold.
Since efficiency generally increases with ripple current,
the maximum allowable ripple current is assumed, i.e.,
IRIPPLE(P-P) = 0.025V/RSENSE (see CT and L Selection for
Operating Frequency). Solving for RSENSE and allowing
a margin for variations in the LTC1159 and external
component values yields:
RSENSE =
m
Ω
100
IMAX
A graph for selecting RSENSE versus maximum output
current is given in Figure 2. The LTC1159 series works well
with values of RSENSE from 0.02Ω to 0.2Ω.
The load current below which Burst Mode operation com-
mences, IBURST, and the peak short-circuit current, ISC(PK),
both track IMAX. Once RSENSE has been chosen, IBURST and
ISC(PK) can be predicted from the following equations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com