Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1159CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1159CS Datasheet HTML 1Page - Linear Technology LTC1159CS Datasheet HTML 2Page - Linear Technology LTC1159CS Datasheet HTML 3Page - Linear Technology LTC1159CS Datasheet HTML 4Page - Linear Technology LTC1159CS Datasheet HTML 5Page - Linear Technology LTC1159CS Datasheet HTML 6Page - Linear Technology LTC1159CS Datasheet HTML 7Page - Linear Technology LTC1159CS Datasheet HTML 8Page - Linear Technology LTC1159CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1159
LTC1159-3.3/LTC1159-5
Load Regulation
Efficiency vs Input Voltage
Line Regulation
Operating Frequency
vs (VIN – VOUT)
EXTVCC Pin Current
VIN Pin Current
INPUT VOLTAGE (V)
0
80
85
90
95
100
510
15
20
LTC1159 • TPC01
25
30
35
40
FIGURE 1 CIRCUIT
ILOAD = 1A
NOTE 6
INPUT VOLTAGE (V)
0
–60
–40
–20
0
20
10
20
30
40
LT1159 • TPC02
40
60
515
25
35
FIGURE 1 CIRCUIT
ILOAD = 1A
NOTE 6
LOAD CURRENT (A)
0
–100
–80
–60
–40
–20
0
20
0.5
1.0
1.5
2.0
LTC1159 • TPC03
2.5
FIGURE 1 CIRCUIT
VIN = 24V
INPUT VOLTAGE (V)
0
6
8
10
15
25
40
LTC1159 • TPC04
4
2
0
510
20
30
35
FIGURE 1 CIRCUIT
NOTE 6
ILOAD = 1A
ILOAD = 100mA
ILOAD = 0
INPUT VOLTAGE (V)
0
300
400
500
15
25
40
LTC1159 • TPC05
200
100
0
510
20
30
35
FIGURE 1 CIRCUIT
NOTE 6
NORMAL
VSHDN2 = 2V
(VIN – VOUT) VOLTAGE (V)
0
1.0
1.5
20
LTC1159 • TPC06
0.5
0
5
10
15
25
2.0
VOUT = 5V
T = 70
°C
T = 0
°C
T = 25
°C
TYPICAL PERFOR A CE CHARACTERISTICS
Note 6: The LTC1159C, LTC1159C-3.3, and LTC1159C-5 are not tested
and not quality assurance sampled at – 40
°C and 85°C. These
specifications are guaranteed by design and/or correlation. The LTC1159I,
LTC1159I-3.3 and LTC1159I-5 are guaranteed and tested over the – 40
°C
to 85
°C operating temperature range.
ELECTRICAL C
C
HARA TERISTICS
Note 7: The logic-level power MOSFETs shown in Figure 1 are rated for
VDS(MAX) = 30V. For operation at VIN > 30V, use standard threshold
MOSFETs with EXTVCC powered from a 12V supply. See Applications
Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com