Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1159CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1159CS Datasheet HTML 1Page - Linear Technology LTC1159CS Datasheet HTML 2Page - Linear Technology LTC1159CS Datasheet HTML 3Page - Linear Technology LTC1159CS Datasheet HTML 4Page - Linear Technology LTC1159CS Datasheet HTML 5Page - Linear Technology LTC1159CS Datasheet HTML 6Page - Linear Technology LTC1159CS Datasheet HTML 7Page - Linear Technology LTC1159CS Datasheet HTML 8Page - Linear Technology LTC1159CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1159
LTC1159-3.3/LTC1159-5
PI FU CTIO S
SENSE+: The (+) Input for the Current Comparator. A built-
in offset between the SENSE+ and SENSE– pins, in conjunc-
tion with RSENSE, sets the current trip threshold.
N-Gate: High Current Drive for the Bottom N-Channel
MOSFET. The N-Gate pin swings from ground to VCC.
P-Gate: Level-Shifted Gate Drive Signal for the Top
P-Channel MOSFET. The voltage swing at the P-gate pin is
from VIN to VIN – VCC.
P-Drive: High Current Gate Drive for the Top P-Channel
MOSFET. The P-drive pin(s) swing(s) from VCC to ground.
CAP: Charge Compensation Pin. A capacitor to VCC pro-
vides charge required by the P-gate level-shift capacitor
during supply transitions.
The charge compensation ca-
pacitor must be larger than the gate drive capacitor.
SHDN1: This pin shuts down the control circuitry only (VCC
is not affected). Taking SHDN1 pin high turns off the
control circuitry and holds both MOSFETs off. This pin
must be at ground potential for normal operation.
SHDN2: Master Shutdown Pin. Taking SHDN2 high shuts
down VCC and all control circuitry.
VIN: Main Supply Input Pin.
SGND: Small-Signal Ground. Must be routed separately
from other grounds to the (–) terminal of COUT.
PGND: Driver Power Grounds. Connect to source of N-
channel MOSFET and the (–) terminal of CIN.
VCC: Outputs of internal 4.5V linear regulator, EXTVCC
switch, and supply inputs for driver and control circuits.
The driver and control circuits are powered from the higher
of the 4.5V regulator or EXTVCC voltage. Must be closely
decoupled to power ground.
CT: External capacitor CT from this pin to ground sets the
operating frequency. (The frequency is also dependent on
the ratio VOUT/VIN.)
ITH: Gain Amplifier Decoupling Point. The current com-
parator threshold increases with the ITH pin voltage.
VFB: For the LTC1159 adjustable version, the VFB pin
receives the feedback voltage from an external resistive
divider used to set the output voltage.
SENSE–: Connects to internal resistive divider which sets
the output voltage in fixed output versions. The SENSE– pin
is also the (–) input of the current comparator.
EXTVCC Switch Drop
Current Sense Threshold Voltage
Off-Time vs VOUT
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
600
510
15
20
LTC1159 • TPC07
OUTPUT VOLTAGE (V)
1
40
50
60
5
LTC1159 • TPC08
30
20
0
2
34
10
80
70
0
LTC1159-5
LTC1159-3.3
TEMPERATURE (
°C)
20
80
100
120
100
LTC1159 • TPC09
60
40
0
40
60
80
20
160
140
0
MAXIMUM
THRESHOLD
MINIMUM
THRESHOLD
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com