Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1168CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1168CS8 Datasheet HTML 9Page - Linear Technology LT1168CS8 Datasheet HTML 10Page - Linear Technology LT1168CS8 Datasheet HTML 11Page - Linear Technology LT1168CS8 Datasheet HTML 12Page - Linear Technology LT1168CS8 Datasheet HTML 13Page - Linear Technology LT1168CS8 Datasheet HTML 14Page - Linear Technology LT1168CS8 Datasheet HTML 15Page - Linear Technology LT1168CS8 Datasheet HTML 16Page - Linear Technology LT1168CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1168
1168fa
Single Supply Operation
For best results under single supply operation, the REF pin
should be raised above the negative supply (Pin 4) and one
of the inputs should be at least 2.5V above ground. The
barometer application later in this data sheet is an example
that satisfies these conditions. The resistance RSET from
the bridge transducer to ground sets the operating current
for the bridge, and with R6, also has the effect of raising the
input common mode voltage. The output of the LT1168 is
always inside the specified range since the barometric
pressure rarely goes low enough to cause the output to clip
(30.00 inches of Hg corresponds to 3.000V). For applica-
tions that require the output to swing at or below the REF
VOUT (V)
0
–1
6
1168 F02
–4
–6
24
8
–7
–8
+VS
–2
–3
–5
10
12
14
G = 2
AREA OF
OPERATION
TA = 25°C
INPUT COMMON
MODE RANGE IS
BELOW THE CURVE
G = 100
AREA OF
OPERATION
G = 1
AREA OF OPERATION
G = 10
AREA OF
OPERATION
Figure 2. Positive Input Range vs
Output Voltage for Different Gains
VOUT (V)
–14
–VS
1
3
4
5
–4
–2
–6
9
1168 F03
2
–10
–8
–12
0
6
7
8
TA = 25°C
INPUT COMMON
MODE RANGE IS
ABOVE THE CURVE
G = 2
AREA OF
OPERATION
G = 100
AREA OF
OPERATION
G = 10
AREA OF
OPERATION
G = 1
AREA OF OPERATION
Figure 4. Optional Trimming of Output Offset Voltage
Figure 3. Negative Input Voltage Range
vs Output Voltage for Various Gains
potential, the voltage on the REF pin can be further level
shifted. The application in the front of this data sheet,
Single Supply Pressure Monitor, is an example. An op amp
is used to buffer the voltage on the REF pin since a parasitic
series resistance will degrade the CMRR.
Output Offset Trimming
The LT1168 is laser trimmed for low offset voltage so that
no external offset trimming is required for most applica-
tions. In the event that the offset needs to be adjusted, the
circuit in Figure 4 is an example of an optional offset adjust
circuit. The op amp buffer provides a low impedance to the
REF pin where resistance must be kept to minimum for
best CMRR and lowest gain error.
2
–IN
OUTPUT
+IN
1
8
10k
100
Ω
100
Ω
–10mV
1168 F04
–VS
+VS
10mV
5
6
1/2 LT1112
±10mV
ADJUSTMENT RANGE
RG
3
LT1168
REF
Input Bias Current Return Path
The low input bias current of the LT1168 (250pA) and the
high input impedance (200G
Ω) allow the use of high
impedance sources without introducing additional offset
voltage errors, even when the full common mode range is
required. However, a path must be provided for the input
bias currents of both inputs when a purely differential
signal is being amplified. Without this path the inputs will
float to either rail and exceed the input common mode
range of the LT1168, resulting in a saturated input stage.
Figure 5 shows three examples of an input bias current
THEORY OF OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com