Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1168CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1168CS8 Datasheet HTML 1Page - Linear Technology LT1168CS8 Datasheet HTML 2Page - Linear Technology LT1168CS8 Datasheet HTML 3Page - Linear Technology LT1168CS8 Datasheet HTML 4Page - Linear Technology LT1168CS8 Datasheet HTML 5Page - Linear Technology LT1168CS8 Datasheet HTML 6Page - Linear Technology LT1168CS8 Datasheet HTML 7Page - Linear Technology LT1168CS8 Datasheet HTML 8Page - Linear Technology LT1168CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1168
1168fa
LT1168AC
LT1168C
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
G = 1
●
0.01
0.03
0.012
0.04
%
G = 10 (Note 7)
●
0.40
1.5
0.500
1.6
%
G = 100 (Note 7)
●
0.45
1.6
0.550
1.7
%
G = 1000 (Note 7)
●
0.50
1.7
0.600
1.8
%
Gain Nonlinearity
VOUT = ±10V, G = 1
●
2
15
3
20
ppm
(Notes 7, 8)
VOUT = ±10V, G = 10 and 100
●
7
30
10
35
ppm
VOUT = ±10V, G = 1000
●
25
60
30
80
ppm
∆G/∆T
Gain vs Temperature
G < 1000 (Note 7)
●
100
200
100
200
ppm/
°C
LT1168AC/LT1168AI
LT1168C/LT1168I
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CIN(DIFF)
Differential Input Capacitance
fO = 100kHz
1.6
1.6
pF
CIN(CM)
Common Mode Input
fO = 100kHz
1.6
1.6
pF
Capacitance
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.9
+VS – 1.4
–VS + 1.9
+VS – 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
90
95
85
95
dB
G = 10
106
115
100
115
dB
G = 100
120
135
110
135
dB
G = 1000
126
140
120
140
dB
PSRR
Power Supply
VS = ±2.3V to ±18V
Rejection Ratio
G = 1
103
108
100
108
dB
G = 10
122
128
118
128
dB
G = 100
131
145
126
145
dB
G = 1000
135
150
130
150
dB
IS
Supply Current
VS = ±2.3V to ±18V
350
530
350
530
µA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.2
+VS – 1.3
–VS + 1.2
+VS – 1.3
V
IOUT
Output Current
20
32
20
32
mA
BW
Bandwidth
G = 1
400
400
kHz
G = 10
200
200
kHz
G = 100
13
13
kHz
G = 1000
1
1
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
0.3
0.5
0.3
0.5
V/
µs
Settling Time to 0.01%
10V Step
G = 1 to 100
30
30
µs
G = 1000
200
200
µs
REFIN
Reference Input Resistance
60
60
k
Ω
IREFIN
Reference Input Current
VREF = 0V
18
18
µA
VREF
Reference Voltage Range
–VS + 1.6
+VS – 1.6
–VS + 1.6
+VS – 1.6
V
AVREF
Reference Gain to Output
1
± 0.0001
1
± 0.0001
TA = 25°C. VS = ±15V, VCM = 0V, RL = 10k unless otherwise noted.
The
● denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = ±15V, VCM = 0V, RL = 10k unless
otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com