Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1168CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1168CS8
Description  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1168CS8 Datasheet HTML 1Page - Linear Technology LT1168CS8 Datasheet HTML 2Page - Linear Technology LT1168CS8 Datasheet HTML 3Page - Linear Technology LT1168CS8 Datasheet HTML 4Page - Linear Technology LT1168CS8 Datasheet HTML 5Page - Linear Technology LT1168CS8 Datasheet HTML 6Page - Linear Technology LT1168CS8 Datasheet HTML 7Page - Linear Technology LT1168CS8 Datasheet HTML 8Page - Linear Technology LT1168CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1168
1168fa
The
● denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C
temperature range. VS = ±15V, VCM = 0V, RL = 10k unless otherwise noted.
The
● denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = ±15V, VCM = 0V, RL = 10k unless
otherwise noted. (Note 8)
LT1168AI
LT1168I
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
G = 1
●
0.014
0.04
0.015
0.05
%
G = 10 (Note 7)
●
0.600
1.9
0.700
2.0
%
G = 100 (Note 7)
●
0.600
2.0
0.700
2.1
%
G = 1000 (Note 7)
●
0.600
2.1
0.700
2.2
%
GN
Gain Nonlinearity
VO = ±10V, G = 1
●
3
20
5
25
ppm
(Notes 7, 8)
VO = ±10V, G = 10 and 100
●
10
35
15
40
ppm
VO =
±10V, G = 1000
●
30
70
35
100
ppm
∆G/∆T
Gain vs Temperature
G < 1000 (Note 7)
●
100
200
100
200
ppm/
°C
LT1168AC
LT1168C
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOST
Total Input Referred Offset Voltage
VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
VS = ±5V to ±15V
●
18
60
23
80
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 7, 10)
●
3.0
3.0
µV
VOSO
Output Offset Voltage
VS = ±5V to ±15V
●
60
380
70
500
µV
VOSOH
Output Offset Voltage Hysteresis (Notes 7, 10)
●
30
30
µV
VOSI/T
Input Offset Drift (RTI)
(Note 9)
●
0.05
0.3
0.06
0.4
µV/°C
VOSO/T
Output Offset Drift
(Note 9)
●
0.7
3
0.8
4
µV/°C
IOS
Input Offset Current
●
100
400
120
550
pA
IOS/T
Input Offset Current Drift
●
0.3
0.4
pA/
°C
IB
Input Bias Current
●
65
350
105
600
pA
IB/T
Input Bias Current Drift
●
1.4
1.4
pA/
°C
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
●
–VS + 2.1
+VS – 1.3 –VS + 2.1
+VS – 1.3
V
VS = ±5V to ±18V
●
–VS + 2.1
+VS – 1.4 –VS + 2.1
+VS – 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
●
88
92
83
92
dB
G = 10
●
100
110
97
110
dB
G = 100
●
115
120
113
120
dB
G = 1000
●
117
135
114
135
dB
PSRR
Power Supply
VS = ±2.3V to ±18V
Rejection Ratio
G = 1
●
102
115
98
115
dB
G = 10
●
123
130
118
130
dB
G = 100
●
127
135
124
135
dB
G = 1000
●
129
145
126
145
dB
IS
Supply Current
VS = ±2.3V to ±18V
●
390
615
390
615
µA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
●
–VS + 1.4
+VS – 1.3 –VS + 1.4
+VS – 1.3
V
VS = ±5V to ±18V
●
–VS + 1.6
+VS – 1.5 –VS + 1.6
+VS – 1.5
V
IOUT
Output Current
●
16
25
16
25
mA
SR
Slew Rate
G = 1, VOUT = ±10V
●
0.25
0.48
0.25
0.48
V/
µs
VREF
Voltage Range
(Note 9)
●
–VS + 1.6
+VS – 1.6 –VS + 1.6
+VS – 1.6
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com