Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2418IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2418IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2418IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2418IGN Datasheet HTML 1Page - Linear Technology LTC2418IGN Datasheet HTML 2Page - Linear Technology LTC2418IGN Datasheet HTML 3Page - Linear Technology LTC2418IGN Datasheet HTML 4Page - Linear Technology LTC2418IGN Datasheet HTML 5Page - Linear Technology LTC2418IGN Datasheet HTML 6Page - Linear Technology LTC2418IGN Datasheet HTML 7Page - Linear Technology LTC2418IGN Datasheet HTML 8Page - Linear Technology LTC2418IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LTC2414/LTC2418
1
241418fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LTC
®2414/LTC2418 are 8-/16-channel (4-/8-differ-
ential) micropower 24-bit
∆Σ analog-to-digital convert-
ers. They operate from 2.7V to 5.5V and include an
integrated oscillator, 2ppm INL and 0.2ppm RMS noise.
They use delta-sigma technology and provide single cycle
settling time for multiplexed applications. Through a
single pin, the LTC2414/LTC2418 can be configured for
better than 110dB differential mode rejection at 50Hz or
60Hz
±2%, or they can be driven by an external oscillator
for a user-defined rejection frequency. The internal oscil-
lator requires no external frequency setting components.
The LTC2414/LTC2418 accept any external differential
reference voltage from 0.1V to VCC for flexible ratiometric
and remote sensing measurement applications. They can
be configured to take 4/8 differential channels or
8/16 single-ended channels. The full-scale bipolar input
range is from – 0.5VREF to 0.5VREF. The reference common
mode voltage, VREFCM, and the input common mode volt-
age, VINCM, may be independently set within GND to VCC.
The DC common mode input rejection is better than 140dB.
The LTC2414/LTC2418 communicate through a flexible
4-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
■ Direct Sensor Digitizer
■ Weight Scales
■ Direct Temperature Measurement
■ Gas Analyzers
■ Strain Gauge Transducers
■ Instrumentation
■ Data Acquisition
■ Industrial Process Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ 8-/16-Channel Single-Ended or 4-/8-Channel
Differential Inputs (LTC2414/LTC2418)
■ Low Supply Current (200
µA, 4µA in Autosleep)
■ Differential Input and Differential Reference
with GND to VCC Common Mode Range
■ 2ppm INL, No Missing Codes
■ 2.5ppm Full-Scale Error and 0.5ppm Offset
■ 0.2ppm Noise
■ No Latency: Digital Filter Settles in a Single Cycle
Each Conversion Is Accurate, Even After a New
Channel is Selected
■ Single Supply 2.7V to 5.5V Operation
■ Internal Oscillator—No External Components
Required
■ 110dB Min, 50Hz/60Hz Notch Filter
8-/16-Channel
24-Bit No Latency
∆ΣTM ADCs
No Latency
∆Σ is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Total Unadjusted Error
vs Input Voltage
SDI
SCK
SDO
CS
FO
REF+
VCC
9
11
2.7V TO 5.5V
20
18
17
16
19
1
µF
COM
REF –
GND
10
THERMOCOUPLE
12
15
DIFFERENTIAL
24-BIT
∆Σ ADC
16-CHANNEL
MUX
+
–
241418 TA01a
4-WIRE
SPI INTERFACE
LTC2418
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
CH0
CH1
•
•
•
•
•
•
21
22
CH7
CH8
28
1
CH15
8
INPUT VOLTAGE (V)
–2.5 –2
–1
0
1.0
2.0
3
2
1
0
–1
–2
–3
–1.5
–0.5
0.5
1.5
2414/18 TA01b
2.5
VCC = 5V
VREF = 5V
VINCM = VREFCM = 2.5V
FO = GND
TA = 85°C
TA = 25°C
TA = –45°C


Similar Part No. - LTC2418IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
More results

Similar Description - LTC2418IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
8-/16-Channel 16-Bit No Latency ADC
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
4-/8-Channel 24-Bit Power No Latency ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
4-/8-Channel 24-Bit Power No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com