Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2418IGN Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2418IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2418IGN Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2418IGN Datasheet HTML 29Page - Linear Technology LTC2418IGN Datasheet HTML 30Page - Linear Technology LTC2418IGN Datasheet HTML 31Page - Linear Technology LTC2418IGN Datasheet HTML 32Page - Linear Technology LTC2418IGN Datasheet HTML 33Page - Linear Technology LTC2418IGN Datasheet HTML 34Page - Linear Technology LTC2418IGN Datasheet HTML 35Page - Linear Technology LTC2418IGN Datasheet HTML 36Page - Linear Technology LTC2418IGN Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
LTC2414/LTC2418
33
241418fa
APPLICATIO S I FOR ATIO
When external amplifiers are driving the LTC2414/
LTC2418, the ADC input referred system noise calculation
can be simplified by Figure 32. The noise of an amplifier
driving the LTC2414/LTC2418 input pin can be modeled
as a band limited white noise source. Its bandwidth can be
approximated by the bandwidth of a single pole lowpass
filter with a corner frequency fi. The amplifier noise spec-
tral density is ni. From Figure 32, using fi as the x-axis
selector, we can find on the y-axis the noise equivalent
bandwidth freqi of the input driving amplifier. This band-
width includes the band limiting effects of the ADC internal
calibration and filtering. The noise of the driving amplifier
referred to the converter input and including all these
effects can be calculated as N = ni • √freqi. The total system
noise (referred to the LTC2414/LTC2418 input) can now
be obtained by summing as square root of sum of squares
the three ADC input referred noise sources: the LTC2414/
LTC2418 internal noise (1
µV), the noise of the IN+ driving
amplifier and the noise of the IN– driving amplifier.
If the FO pin is driven by an external oscillator of frequency
fEOSC, Figure 32 can still be used for noise calculation if the
x-axis is scaled by fEOSC/153600. For large values of the
ratio fEOSC/153600, the Figure 32 plot accuracy begins to
decrease, but in the same time the LTC2414/LTC2418
noise floor rises and the noise contribution of the driving
amplifiers lose significance.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2414/LTC2418 signifi-
cantly simplify antialiasing filter requirements.
The Sinc4 digital filter provides greater than 120dB normal
mode rejection at all frequencies except DC and integer
multiples of the modulator sampling frequency (fS). The
LTC2414/LTC2418’s autocalibration circuits further sim-
plify the antialiasing requirements by additional normal
mode signal filtering both in the analog and digital domain.
Independent of the operating mode, fS = 256 • fN = 2048
• fOUTMAX where fN in the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode with a 50Hz notch setting, fS = 12800Hz and with a
60Hz notch setting fS = 15360Hz. In the external oscillator
mode, fS = fEOSC/10.
Figure 33. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch
Figure 34. Input Normal Mode Rejection, Internal
Oscillator and 60Hz Notch or External Oscillator
Figure 32. Input Referred Noise Equivalent Bandwidth
of an Input Connected White Noise Source
INPUT NOISE SOURCE SINGLE POLE
EQUIVALENT BANDWIDTH (Hz)
1
10
0.1
1
10
100
1k
10k
100k
1M
2414/18 F32
0.1
100
FO = HIGH
FO = LOW
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2414/18 F33
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FO = HIGH
FO = LOW OR
FO = EXTERNAL
OSCILLATOR,
fEOSC = 10 • fS
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2414/18 F34
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com