Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2418IGN Datasheet(PDF) 45 Page - Linear Technology

Part # LTC2418IGN
Description  8-/16-Channel 24-Bit No Latency TM ADCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2418IGN Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC2418IGN Datasheet HTML 40Page - Linear Technology LTC2418IGN Datasheet HTML 41Page - Linear Technology LTC2418IGN Datasheet HTML 42Page - Linear Technology LTC2418IGN Datasheet HTML 43Page - Linear Technology LTC2418IGN Datasheet HTML 44Page - Linear Technology LTC2418IGN Datasheet HTML 45Page - Linear Technology LTC2418IGN Datasheet HTML 46Page - Linear Technology LTC2418IGN Datasheet HTML 47Page - Linear Technology LTC2418IGN Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
LTC2414/LTC2418
45
241418fa
Figure 51. Demo Board Schematic
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
11
12
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
13
14
15
19
18
17
16
20
U5
LTC2418CGN
COM
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
REF+
REF–
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
FO
SCK
SDO
CS
SDI
NC
NC
GND
10
11
12
13
14
3
4
5
6
2
15
1
16
9
7
8
JP6
JMPR
1
6
2
7
3
8
4
9
5
P1
DB9
SER
A
B
C
D
E
F
G
H
CLK
INH
SH/LD
VCC
QH
QH
GND
+
+
+
C5
10
µF
35V
JP5
JMPR
C6
0.1
µF
C7
0.1
µF
C8
0.1
µF
E3
E4
GND
GND
GND
GND
REF–
REF+
VEX
50Hz/60Hz
1
2
3
1
1
2
2
3
1
2
3
1
2
3
BANANA
JACK
J1
J2
J3
J4
P2
CON40A
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
U4
74HC165
Q1
MMBT3904LT1
R7
22k
R8
51k
R6
3k
R4
51k
R3
51k
R5
49.9
Ω
2.5V
5V
VOUT
VIN
GND
U1
LT1460ACN8-2.5
+
+
VOUT
VIN
GND
U2
LT1236ACN8-5
JP3
JMPR
1
2
3
3
2.5V
JP1
JMPR
JP4
JMPR
JP2
JMPR
NC
GND
NC
NC
REMOVE TO
DISCONNECT
VCC AND
5V REF
C2
22
µF
25V
C1
10
µF
35V
C4
100
µF
16V
C3
10
µF
35V
R2
3
Ω
U3C
74HC14
U3D
74HC14
U3B
74HC14
U3A
74HC14
U3E
74HC14
U3F
74HC14
R1
10
Ω
E1
E2
BYPASS
CAPACITOR
FOR U3 AND U4
VEXT
2414/18 F51
9
D1
BAV74LT1
10
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com