Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT32 Datasheet(PDF) 4 Page - Texas Instruments

Part # AHCT32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT32 Datasheet(HTML) 4 Page - Texas Instruments

  AHCT32 Datasheet HTML 1Page - Texas Instruments AHCT32 Datasheet HTML 2Page - Texas Instruments AHCT32 Datasheet HTML 3Page - Texas Instruments AHCT32 Datasheet HTML 4Page - Texas Instruments AHCT32 Datasheet HTML 5Page - Texas Instruments AHCT32 Datasheet HTML 6Page - Texas Instruments AHCT32 Datasheet HTML 7Page - Texas Instruments AHCT32 Datasheet HTML 8Page - Texas Instruments AHCT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54AHCT32, SN74AHCT32
QUADRUPLE 2INPUT POSITIVEOR GATES
SCLS248L − OCTOBER 1995 − REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74AHCT32
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.4
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.4
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
11.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com