Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT32 Datasheet(PDF) 3 Page - Texas Instruments

Part # AHCT32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT32 Datasheet(HTML) 3 Page - Texas Instruments

  AHCT32 Datasheet HTML 1Page - Texas Instruments AHCT32 Datasheet HTML 2Page - Texas Instruments AHCT32 Datasheet HTML 3Page - Texas Instruments AHCT32 Datasheet HTML 4Page - Texas Instruments AHCT32 Datasheet HTML 5Page - Texas Instruments AHCT32 Datasheet HTML 6Page - Texas Instruments AHCT32 Datasheet HTML 7Page - Texas Instruments AHCT32 Datasheet HTML 8Page - Texas Instruments AHCT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN54AHCT32, SN74AHCT32
QUADRUPLE 2INPUT POSITIVEOR GATES
SCLS248L − OCTOBER 1995 − REVISED JULY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54AHCT32
SN74AHCT32
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−8
−8
mA
IOL
Low-level output current
8
8
mA
∆t/∆v
Input transition rise or fall rate
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT32
SN74AHCT32
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT32
SN74AHCT32
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
5**
6.9**
1**
8**
1
8
ns
tPHL
A or B
Y
CL = 15 pF
5**
6.9**
1**
8**
1
8
ns
tPLH
A or B
Y
CL = 50 pF
5.5
7.9
1
9
1
9
ns
tPHL
A or B
Y
CL = 50 pF
5.5
7.9
1
9
1
9
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com