Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT32 Datasheet(PDF) 1 Page - Texas Instruments

Part # AHCT32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT32 Datasheet(HTML) 1 Page - Texas Instruments

  AHCT32 Datasheet HTML 1Page - Texas Instruments AHCT32 Datasheet HTML 2Page - Texas Instruments AHCT32 Datasheet HTML 3Page - Texas Instruments AHCT32 Datasheet HTML 4Page - Texas Instruments AHCT32 Datasheet HTML 5Page - Texas Instruments AHCT32 Datasheet HTML 6Page - Texas Instruments AHCT32 Datasheet HTML 7Page - Texas Instruments AHCT32 Datasheet HTML 8Page - Texas Instruments AHCT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54AHCT32, SN74AHCT32
QUADRUPLE 2INPUT POSITIVEOR GATES
SCLS248L − OCTOBER 1995 − REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
SN54AHCT32 ...J OR W PACKAGE
SN74AHCT32 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AHCT32 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74AHCT32 . . . RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
description/ordering information
The ’AHCT32 devices are quadruple 2-input positive-OR gates. These devices perform the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74AHCT32RGYR
HB32
PDIP − N
Tube
SN74AHCT32N
SN74AHCT32N
SOIC − D
Tube
SN74AHCT32D
AHCT32
SOIC − D
Tape and reel
SN74AHCT32DR
AHCT32
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHCT32NSR
AHCT32
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHCT32DBR
HB32
TSSOP − PW
Tube
SN74AHCT32PW
HB32
TSSOP − PW
Tape and reel
SN74AHCT32PWR
HB32
TVSOP − DGV
Tape and reel
SN74AHCT32DGVR
HB32
CDIP − J
Tube
SNJ54AHCT32J
SNJ54AHCT32J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHCT32W
SNJ54AHCT32W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHCT32FK
SNJ54AHCT32FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - AHCT32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHCT04 TI-AHCT04 Datasheet
921Kb / 22P
HEX INVERTERS
AHCT139 TI-AHCT139 Datasheet
472Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Diodes Incorporated
AHCT14 DIODES-AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
AHCT16245 TI-AHCT16245 Datasheet
254Kb / 14P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
AHCT240 TI-AHCT240 Datasheet
950Kb / 26P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - AHCT32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com