Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2910IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2910IGN
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2910IGN Datasheet HTML 4Page - Linear Technology LTC2910IGN Datasheet HTML 5Page - Linear Technology LTC2910IGN Datasheet HTML 6Page - Linear Technology LTC2910IGN Datasheet HTML 7Page - Linear Technology LTC2910IGN Datasheet HTML 8Page - Linear Technology LTC2910IGN Datasheet HTML 9Page - Linear Technology LTC2910IGN Datasheet HTML 10Page - Linear Technology LTC2910IGN Datasheet HTML 11Page - Linear Technology LTC2910IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2910
8
2910fb
APPLICATIONS INFORMATION
Voltage Monitoring
The LTC2910 is a low power octal voltage monitoring
circuit with eight individual undervoltage monitor inputs.
A timeout period that holds a reset after all faults have
cleared is adjustable using an external capacitor and is
disabled, by tying TMR to VCC.
Each voltage monitor is compared to a fixed 0.5V reference
for detecting undervoltage conditions. When configured
to monitor a positive voltage Vm, the application is con-
nected as shown in Figure 1. For negative inputs Vm is
connected as shown in Figure 2. RA is now connected to
the REF pin and RB remains connected to the monitored
voltage Vm.
Using the configurations in Figures 1 and 2, a UV condi-
tion will result when the magnitude of the voltage at Vm
is less than its designed threshold.
Polarity Selection
The three-state polarity-select pin (SEL) selects one of three
possible polarity combinations for the input thresholds,
as described in Table 1. When an input is configured for
negative supply monitoring, a reset condition occurs when
the supply voltage is less negative than the configured
threshold.
The three-state input pin SEL is connected to GND, VCC, or
left unconnected during normal operation. When the pin
is left unconnected, the maximum leakage allowed from
the pin is ±10µA to ensure it remains in the open state.
Table 1 shows the three possible selections of polarity
based on the SEL pin connection.
2-Step Design Procedure
The following 2-step design procedure allows selecting
appropriate resistances to obtain the desired UV trip point
for the positive voltage monitor circuit in Figure 1 and the
negative voltage monitor circuit in Figure 2.
For positive supply monitoring, Vm is the desired nominal
operating voltage, Imisthedesirednominalcurrentthrough
the resistive divider, and VUV is the desired undervoltage
trip point.
For negative supply monitoring, to compensate for the 1V
reference, 1V must be subtracted from Vm and VUV before
using each in the following equations.
1. Choose RA to obtain the desired UV trip point
RA is chosen to set the desired trip point for the
undervoltage monitor.
R
V
V
V
A
m
UV
=
05
.
I
•
m
(1)
Figure 1. Positive UV Monitoring Configuration
Figure 2. Negative UV Monitoring Configuration
Table 1. Voltage Polarity Programming (VRT = 0.5V Typical)
SEL
V7 INPUT
V8 INPUT
VCC
Positive
V7 < VRT → UV
Positive
V8 < VRT → UV
Open
Positive
V7 < VRT → UV
Negative
V8 > VRT → UV
GND
Negative
V7 > VRT → UV
Negative
V8 > VRT → UV
2910 F01
RB
RA
Vm
UVn
LTC2910
+
–
Vn
0.5V
2910 F02
RA
RB
REF
Vn
Vm
0.5V
UVn
+
–
–
+
1V
+
–
LTC2910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com