Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2910IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2910IGN
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2910IGN Datasheet HTML 6Page - Linear Technology LTC2910IGN Datasheet HTML 7Page - Linear Technology LTC2910IGN Datasheet HTML 8Page - Linear Technology LTC2910IGN Datasheet HTML 9Page - Linear Technology LTC2910IGN Datasheet HTML 10Page - Linear Technology LTC2910IGN Datasheet HTML 11Page - Linear Technology LTC2910IGN Datasheet HTML 12Page - Linear Technology LTC2910IGN Datasheet HTML 13Page - Linear Technology LTC2910IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2910
10
2910fb
voltages fell below the exact threshold for a specified mar-
gin. All LTC2910 inputs have a relative threshold accuracy
of ±1.5% over the full operating temperature range.
For example, when the LTC2910 is programmed to moni-
tor a 5V input with a 10% tolerance, the desired UV trip
point is 4.5V. Because of the ±1.5% relative accuracy of
the LTC2910, the UV trip point is between 4.433V and
4.567V which is 4.5V ±1.5%.
The accuracy of the resistances chosen for RA and RB affect
the UV trip point as well. Using the example just given, if
the resistances used to set the UV trip point have 1% ac-
curacy, the UV trip range is between 4.354V and 4.650V.
This is illustrated in the following calculations.
The UV trip point is given as
VV
R
R
UV
B
A
=+
⎛
⎝⎜
⎞
⎠⎟
05
1
.•
The two extreme conditions, with a relative accuracy of
1.5% and resistance accuracy of 1%, result in
VV
R
R
a
UV MIN
B
A
()
.• .
•
•.
•.
=+
⎛
⎝⎜
⎞
⎠⎟
0 5
0 985
1
099
101
n
nd
VV
R
R
UV MAX
B
A
()
.• .
•
•.
•.
=+
⎛
⎝⎜
⎞
0 5
1 015
1
101
099
⎠⎠⎟
For a desired trip po
of
V
R
R
The
B
A
int
.
,
45
8
=
rrefore
VV
UV MIN
,
.• .
•
•
.
.
() =+
⎛
⎝⎜
05
0985
1 8
099
101
⎞⎞
⎠⎟
=
=+
4 354
05
1015
1 8
101
0
.
.• .
•
•
.
()
V
and
VV
UV MAX
..
.
99
4 650
⎛
⎝⎜
⎞
⎠⎟
=
V
Glitch Immunity
In any supervisory application, noise riding on the moni-
tored DC voltage causes spurious resets. To solve this
problem without adding hysteresis, which causes a new
error term in the trip voltage, the LTC2910 lowpass filters
the output of the first stage comparator at each input.
This filter integrates the output of the comparator before
asserting the reset output logic. A transient at the input
of the comparator of sufficient magnitude and duration
triggers the output logic. The Typical Performance Char-
acteristics section shows a graph of the Transient Duration
vs. Comparator Overdrive.
RST/⎯R⎯S⎯T Timing
The LTC2910 has an adjustable timeout period (tRST) that
holds RST and ⎯R⎯S⎯T asserted after all faults have cleared.
This assures a minimum reset pulse width allowing a
settling time delay for the monitored voltage after it has
entered the valid region of operation.
When any input drops below its designed threshold, the
⎯R⎯S⎯T pin asserts low and the RST pin asserts high. When
all inputs recover above their designed thresholds, the
reset delay timer starts. If all inputs remain above their
designed thresholds when the timer finishes, the ⎯R⎯S⎯T
pin weakly pulls high and the RST pin strongly pulls low.
However, if any input falls below its designed threshold
during this timeout period, the timer resets and restarts
when all inputs are above the designed thresholds.
Selecting the Reset Timing Capacitor
The reset timeout period (tRST) for the LTC2910 is adjust-
able to accommodate a variety of applications. Connecting
a capacitor, CTMR, between the TMR pin and ground sets
the timeout period. The value of capacitor needed for a
particular timeout period is:
CTMR = tRST • 115 • 10
–9 (F/s)
The Reset Timeout Period vs. Capacitance graph found
in the Typical Performance Characteristics section shows
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com