Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2910IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2910IGN
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2910IGN Datasheet HTML 5Page - Linear Technology LTC2910IGN Datasheet HTML 6Page - Linear Technology LTC2910IGN Datasheet HTML 7Page - Linear Technology LTC2910IGN Datasheet HTML 8Page - Linear Technology LTC2910IGN Datasheet HTML 9Page - Linear Technology LTC2910IGN Datasheet HTML 10Page - Linear Technology LTC2910IGN Datasheet HTML 11Page - Linear Technology LTC2910IGN Datasheet HTML 12Page - Linear Technology LTC2910IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2910
9
2910fb
APPLICATIONS INFORMATION
2. Choose RB to complete the design
Once RA is known, RB is determined by:
R
V
R
B
m
A
=−
Im
(2)
If any of the variables Vm, Im, or VUV change, then both
steps must be recalculated.
Positive Voltage Monitor Example
A positive voltage monitor application is shown in Figure
3. The monitored voltage is a 5V ±10% supply. Nominal
current in the resistive divider is 10µA.
1. Find RA to set the UV trip point of the monitor.
R
V
µA
V
V
k
A =≈
05
10
5
45
56 2
.
•
.
.
2. Determine RB to complete the design.
R
V
µA
kk
B =−
≈
5
10
56 2
499
.
Negative Voltage Monitor Example
A negative voltage monitor application is shown in Figure
4. The monitored voltage is a –5V ±10% supply. Nominal
current in the resistive divider is 10µA. For the negative
case, 1V is subtracted from Vm and VUV.
1. Find RA to set the UV trip point of the monitor.
R
V
µA
VV
VV
k
A =
−
−
≈
05
10
51
45
1
54 9
.
•
–
–.
.
2.Determine RB to complete the design.
R
VV
µA
kk
B =
−
−≈
–
.
51
10
57 6
549
Power-Up/Down
As soon as VCCreaches1Vduringpowerup,the⎯R⎯S⎯Toutput
asserts low and the RST output weakly pulls to VCC.
The LTC2910 is guaranteed to assert ⎯R⎯S⎯T low and RST
high under conditions of low VCC, down to VCC = 1V. Above
VCC = 2V (2.1V maximum) the Vn inputs take control.
Once all inputs and VCC become valid, an internal timer is
started. After an adjustable delay time, RST pulls low and
⎯R⎯S⎯T weakly pulls high.
Threshold Accuracy
Reset threshold accuracy is important in a supply sensitive
system. Ideally, such a system would reset only if supply
Figure 3. Positive Supply Monitor
2910 F02
RB
449k
RA
56.2k
5V
± 10%
RST
RST
SEL
V7
VCC
5V
GND
LTC2910
Figure 4. Negative Supply Monitor
2910 F04
RA
54.9k
RB
549k
–5V
± 10%
RST
RST
SEL
REF
V7
VCC
5V
GND
LTC2910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com