Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3214 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 1 Page - Linear Technology

  LTC3214 Datasheet HTML 1Page - Linear Technology LTC3214 Datasheet HTML 2Page - Linear Technology LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3214
1
3214fa
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
LED Torch/Camera Light Supply for Cell Phones,
PDAs and Digital Cameras
General Lighting and/or Flash/Strobe Applications
Low Noise Constant Frequency Operation*
High Efficiency: Up to 94%
Multi-Mode Operation: 1x, 1.5x or 2x Boost Modes
Automatic Mode Switching
High Output Current: Up to 500mA
Tiny Application Circuit (3mm
× 3mm DFN Package,
All Components <1mm High)
Automatic Soft-Start
Output Disconnect
Open, Shorted LED Protection
No Inductors
Internal 110m
Ω LED Current Sense Resistor
3mm
× 3mm 10-Lead DFN Package
500mA Camera
LED Charge Pump
The LTC
®3214 is a low noise, high current charge pump
DC/DC converter capable of driving high current LEDs at
up to 500mA from a 2.9V to 4.5V input. Low external
parts count (two flying capacitors, one programming
resistor and two bypass capacitors at VIN and CPO) make
the LTC3214 ideally suited for small, battery-powered
applications.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up. High switching frequency enables the
use of small external capacitors.
Output current level is programmed by an external resis-
tor. LED current is regulated using an internal 110m
sense resistor. Automatic mode switching optimizes effi-
ciency by monitoring the voltage across the charge pump
and switching modes only when dropout is detected. The
part is available in a low profile 3mm x 3mm 10-lead DFN
package.
Efficiency vs VIN
C1
2.2
µF
C2
2.2
µF
CIN
2.2
µF
CCPO
4.7
µF
ILED
UP TO 500mA
LED
ILED
VIN
2.9V TO 4.5V
EN
DISABLE ENABLE
LTC3214
C1+
C1C2+
C2
ISET
3214 TA01a
LED: AOT2015
CPO
RSET
0.11
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents including 6411531.
VIN (V)
2.9
100
90
80
70
60
50
40
30
20
10
0
3.3
3.7
3.9
3214 TA01b
3.1
3.5
4.1
4.3
4.5
100mA
50mA
300mA
200mA
LED = AOT2015
VF = 2.9V TYP AT 100mA


Similar Part No. - LTC3214

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
More results

Similar Description - LTC3214

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Linear Technology
LTC3217 LINER-LTC3217 Datasheet
184Kb / 12P
600mA Low Noise Multi-LED Camera Light Charge Pump
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
ams AG
AS3683 AMSCO-AS3683 Datasheet
409Kb / 4P
1A Backlight and Camera LED Power Charge Pump
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
LTC3218 LINER-LTC3218_15 Datasheet
165Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
Monolithic Power System...
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
500mA, LED Camera Flash Charge Pump EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com