Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3217 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 1 Page - Linear Technology

  LTC3217 Datasheet HTML 1Page - Linear Technology LTC3217 Datasheet HTML 2Page - Linear Technology LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3217
1
3217f
FEATURES
DESCRIPTIO
Multi-LED Camera Light Supply for Cellphones/
DSCs/PDAs
Charge Pump Provides High Efficiency with
Automatic Mode Switching
Multimode Operation: 1x, 1.5x, 2x
Four Low Dropout LED Outputs
Up to 600mA Total Output Current
Independent Torch and Flash ISET and Enable Pins
Low Noise Constant Frequency Operation*
PWM Brightness Control via the EN2 Pin
Low Shutdown Current: 4
µA
Internal Soft-Start Limits Inrush Current During
Start-Up and Mode Switching
Open/Short LED Protection
No Inductors
(3mm x 3mm) 16-Lead QFN Plastic Package
600mA Low Noise
Multi-LED Camera Light
Charge Pump
The LTC
®3217 is a low noise charge pump DC/DC con-
verter designed to power four high current LEDs. The
LTC3217 requires only four small ceramic capacitors and
two current set resistors to form a complete LED power
supply and current controller.
Built-in soft-start circuitry prevents excessive inrush cur-
rent during start-up and mode changes. High switching
frequency enables the use of small external capacitors.
Independent high and low current settings are programmed
by two external resistors. Shutdown mode and current
output levels are selected via two logic inputs.
The current through the LEDs is programmed via ISET1 and
ISET2. In addition, the brightness can be controlled by
pulse width modulation of the EN2 pin.
The charge pump optimizes efficiency based on the volt-
age across the LED current sources. The part powers up
in 1x mode and will automatically switch to boost mode
whenever any enabled LED current source begins to enter
dropout. The first dropout switches the part into 1.5x
mode and a subsequent dropout switches the part into 2x
mode. The LTC3217 resets to 1x mode whenever the part
is shut down.
The LTC3217 is available in a low profile 16-lead (3mm
×
3mm
× 0.75mm) QFN package.
TYPICAL APPLICATIO
APPLICATIO S
C2
2.2
µF
C3
2.2
µF
C1
2.2
µF
VBAT
19.6k
1%
6.49k
1%
LED1
LED2
LED3
LED4
GND
VBAT
EN2
EN1
LTC3217
C1P
C1M C2P
C2M
C4
2.2
µF
AOT-2015HPW-1751B
3217 TA01
ISET1
ISET2
CPO
EN1 (TORCH)
EN2 (FLASH)
EN1
0
1
0
1
0 (SHUTDOWN)
25mA/LED
75mA/LED
100mA/LED
EN2
ILED
0
0
1
1
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents, including 6411531
Efficiency vs VBAT
VBAT (V)
3
0
10
30
40
50
100
70
3.4
3.8
4
3217 G09
20
80
90
60
3.2
3.6
4.2
4.4
TOTAL OUTPUT CURRENT
PLED/PIN
LED = 2015 HPW AOT
100mA
200mA
400mA


Similar Part No. - LTC3217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3217 LINER-LTC3217 Datasheet
180Kb / 12P
600mA Low Noise Multi-LED Camera Light Charge Pumps
LTC3217 LINER-LTC3217_15 Datasheet
180Kb / 12P
600mA Low Noise Multi-LED Camera Light Charge Pumps
More results

Similar Description - LTC3217

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Linear Technology
LTC3215 LINER-LTC3215 Datasheet
162Kb / 12P
700mA Low Noise High Current LED Charge Pump
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
Low Noise Charge Pump/Linear Regulator LED Driver
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
500mA Camera LED Charge Pump
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
400mA Single Wire Camera LED Charge Pump
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
500mA LED Camera Flash Charge Pump
logo
Linear Technology
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
500mA Camera LED Charge Pump
LTC3216 LINER-LTC3216_15 Datasheet
174Kb / 12P
1A Low Noise High Current LED Charge Pump
LTC3218 LINER-LTC3218_15 Datasheet
165Kb / 12P
400mA Single Wire Camera LED Charge Pump
LTC3217 LINER-LTC3217_15 Datasheet
180Kb / 12P
600mA Low Noise Multi-LED Camera Light Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com