Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3522 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 10Page - Linear Technology LTC3522 Datasheet HTML 11Page - Linear Technology LTC3522 Datasheet HTML 12Page - Linear Technology LTC3522 Datasheet HTML 13Page - Linear Technology LTC3522 Datasheet HTML 14Page - Linear Technology LTC3522 Datasheet HTML 15Page - Linear Technology LTC3522 Datasheet HTML 16Page - Linear Technology LTC3522 Datasheet HTML 17Page - Linear Technology LTC3522 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3522
14
3522f
Table 2. Buck Output Capacitor Range
VOUT
CMIN
CMAX
0.6V
15μF
300μF
0.8V
15μF
230μF
1.2V
10μF
150μF
1.8V
6.8μF
90μF
2.7V
6.8μF
70μF
3.3V
6.8μF
50μF
Buck Input Capacitor Selection
The PVIN2 pin provides current to the buck converter
power switch and is also the supply pin for the IC’s inter-
nal circuitry. It is recommended that a low ESR ceramic
capacitor with a value of at least 4.7μF be used to bypass
this pin. The capacitor should be placed as close to the
pin as possible and have a short return to ground.
Buck Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
0 594
1
2
1
.
The external divider is connected to the output as shown in
Figure 3. It is recommended that a feedforward capacitor,
CFF,beplacedinparallelwithresistorR2inordertoimprove
the noise immunity of the feedback node. Table 3 provides
the recommended resistor and feedforward capacitor
combinations for common output voltage options.
Table 3. Buck Resistor Divider Values
VOUT
R1
R2
CFF
0.6V
–
0
–
0.8V
200k
69.8k
12pF
1.0V
118k
80.6k
12pF
1.2V
100k
102k
12pF
1.5V
78.7k
121k
12pF
1.8V
68.1k
137k
12pF
2.7V
63.4k
226k
18pF
3.3V
60.4k
274k
20pF
Buck-Boost Output Voltage Programming
The buck-boost output voltage is set by a resistive divider
according to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
11
2
1
The external divider is connected to the output as shown
in Figure 4. The buck-boost converter utilizes voltage
mode control and the value of R2 plays an integral role
in the dynamics of the feedback loop. In general, a larger
value for R2 will increase stability and reduce the speed of
the transient response. A smaller value of R2 will reduce
stability but increase the transient response speed. A good
starting point is to choose R2 = 1M, and then calculate
the required value of R1 to set the desired output voltage
according to the formula given above. If a large output
capacitor is used, the bandwidth of the converter is reduced.
In such cases R2 can be reduced to improve the transient
APPLICATIONS INFORMATION
LTC3522
GND
0.6V
≤ VOUT ≤ 5.25V
FB2
R1
3522 F03
R2
CFF
Figure 3. Setting the Buck Output Voltage
LTC3522
GND
2.2V
≤ VOUT ≤ 5.25V
FB1
R1
3522 F04
R2
Figure 4. Setting the Buck-Boost Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com