Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3522 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 2 Page - Linear Technology

  LTC3522 Datasheet HTML 1Page - Linear Technology LTC3522 Datasheet HTML 2Page - Linear Technology LTC3522 Datasheet HTML 3Page - Linear Technology LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3522
2
3522f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
PVIN1, PVIN2 Voltage .................................... –0.3V to 6V
SW1A, SW1B, SW2 Voltage
DC............................................................ –0.3V to 6V
Pulsed < 100ns........................................... –1V to 7V
Voltage, All Other Pins ................................. –0.3V to 6V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Maximum Junction Temperature (Note 5) ............ 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
●
2.4
5.5
V
Quiescent Current—Shutdown
VSHDN1 = VSHDN2 = 0V
●
0.01
1
μA
Burst Mode Quiescent Current
VFB1 = 1.1V, VFB2 = 0.66V, VPWM = 0V
25
μA
Oscillator Frequency
●
0.8
1.07
1.33
MHz
SHDN1, SHDN2, PWM Input High Voltage
1.4
V
SHDN1, SHDN2, PWM Input Low Voltage
0.4
V
Power Good Outputs Low Voltage
IPGOOD1 = IPGOOD2 = 1mA
0.02
0.1
V
Power Good Outputs Leakage
VPGOOD1 = VPGOOD2 = 5.5V
0.1
10
μA
Buck Converter
PMOS Switch Resistance
0.41
Ω
NMOS Switch Resistance
0.34
Ω
NMOS Switch Leakage
VSW2 = 5V, PVIN1 = PVIN2 = 5V
0.1
5
μA
PMOS Switch Leakage
VSW2 = 0V, PVIN1 = PVIN2 = 5V
0.1
10
μA
Feedback Voltage
(Note 4)
●
0.582
0.594
0.606
V
Feedback Input Current
150
nA
Peak Current Limit
(Note 3)
300
400
mA
Maximum Duty Cycle
VFB2 = 0.54V
●
100
%
Minimum Duty Cycle
VFB2 = 0.66V
●
0%
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
FB2
PWM
GND
PGOOD2
VOUT1
SW1A
SW1B
PGND2
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND AND MUST BE SOLDERED TO PCB GROUND
ORDER PART NUMBER
UD PART MARKING
LTC3522EUD
LCRQ
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. PVIN1 = PVIN2 = 3.6V, VOUT1 = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com