Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3522 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 12Page - Linear Technology LTC3522 Datasheet HTML 13Page - Linear Technology LTC3522 Datasheet HTML 14Page - Linear Technology LTC3522 Datasheet HTML 15Page - Linear Technology LTC3522 Datasheet HTML 16Page - Linear Technology LTC3522 Datasheet HTML 17Page - Linear Technology LTC3522 Datasheet HTML 18Page - Linear Technology LTC3522 Datasheet HTML 19Page - Linear Technology LTC3522 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3522
18
3522f
TYPICAL APPLICATION
Li-Ion to 3V at 400mA and 1.2V at 200mA
+
PVIN1 PVIN2
SW2
FB2
VOUT1
LTC3522
PGOOD2
1M
102k
12pF
100k
C2
4.7
μF
C1
10
μF
C3
4.7
μF
Li-Ion
L2
4.7
μH
L1
6.8
μH
VOUT1
3V
300mA
(400mA, VIN > 3V)
C1: MURATA GRM219R61A475K (0805 PACKAGE)
C2, C3: MURATA GRM21BR60J106K (0805 PACKAGE)
L1: TAIYO YUDEN NPO35B-6R8M
L2: TAIYO YUDEN NPO35B-4R7M
VOUT2
1.2V
200mA
COMBINED
PGOOD
OUTPUT
VIN
2.4V TO 4.2V
499k
3522 TA02
PGOOD1
PWM
SW1A
SW1B
FB1
SHDN2
SHDN1
PGND1 GND1 PGND2
499k
ON
OFF
PWM
BURST
Buck-Boost Converter Efficiency vs Load Current
Buck Converter Efficiency vs Load Current
LOAD CURRENT (mA)
1
20
30
40
50
60
70
10
100
3522 TA02b
80
90
100
1000
VIN = 4.2V
VIN = 2.7V
Burst Mode
OPERATION
PWM Mode
LOAD CURRENT (mA)
1
30
40
50
60
70
10
100
3522 TA02c
80
90
100
1000
VIN = 4.2V
VIN = 2.7V
Burst Mode
OPERATION
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com