Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1541A/N2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1541A/N2
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A/N2 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1541A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
February 1991
4
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
PINNING
Note
1. See Table 1 data selection input.
SYMBOL
PIN
DESCRIPTION
LE/WS(1)
1
latch enable input/ word select
input
BCK(1)
2
bit clock input
DATA L
/DATA(1)
3
data left channel input/ data
input (selected format)
DATA R(1)
4
data right channel input
GND(A)
5
analog ground
AOR
6
right channel output
DECOU
7 to 13
decoupling
GND (D)
14
digital ground
VDD2
15
−15 V supply voltage
COSC
16,17
oscillator
DECOU
18 to 24 decoupling
AOL
25
left channel output
VDD1
26
−5 V supply voltage
OB/TWC(1)
27
mode select input
VDD
28
+5 V supply voltage
Fig.2 Pin configuration
FUNCTIONAL DESCRIPTION
The TDA1541A accepts input sample formats in time multiplexed mode or simultaneous mode up to 16-bit word length.
The most significant bit (MSB) must always be first. The flexible input data format allows easy interfacing with signal
processing chips such as interpolation filters, error correction circuits, pulse code modulation adaptors and audio signal
processors (ASP).
The high maximum input bit-rate and fast setting facilitates application in 8
× oversampling systems
(44.1 kHz to 352.8 kHz or 48 kHz to 384 kHz) with the associated simple analog filtering function (low order, linear phase
filter).
Input data selection (see also Table 1)
With the input OB/TWC connected to ground, data input (offset binary format) must be in time multiplexed mode. It is
accompanied with a word select (WS) and a bit clock input (BCK) signal. The converted samples appear at the output,
at the first positive going transition of the bit clock signal after a negative going transition of the word select signal.
With OB/TWC connected to VDD the mode is the same but the data format must be in the two’s complement.
When input OB/TWC input is connected to VDD1 the two channels of data (L/R) are input simultaneously via DATA L and
DATA R, accompanied with BCK and a latch-enable input (LE). With this mode selected the data must be in offset binary.
The converted samples appear at the output at the positive going transition of the latch enable signal.
The format of the data input signals is shown in Fig.5 and 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com