Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1541A/N2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1541A/N2
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A/N2 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1541A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
February 1991
5
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
True 16-bit performance is achieved by each channel using three 2-bit active dividers, operating on the dynamic element
matching principle, in combination with a 10-bit passive current divider, based on emitter scaling. All digital inputs are
TTL compatible.
Table 1
Input data selection
Where:
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
* Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL RESISTANCE
OB/TWC
MODE
PIN 1
PIN 2
PIN 3
PIN 4
−5 V
simultaneous
LE
BCK
DATA L
DATA R
0 V
time MUX OB
WS
BCK
DATA OB
not used
+5 V
time MUX TWC
WS
BCK
DATA TWC
not used
LE
= latch enable
WS
= word select,
LOW = left channel;
HIGH = right channel
BCK
= bit clock
DATA L
= data left
DATA R
= data right
DATA OB
= data offset binary
DATA TWC
= data two’s complement
MUX OB
= mulitplexed offset binary
MUX TWC
= multiplexed two’s
complement = I2S- format
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage; pin 28
0
7
V
−VDD1
supply voltage; pin 26
0
7
V
−VDD2
supply voltage; pin 15
0
17
V
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
−40
+85
°C
Ves
electrostatic handling*
−1000
+1000
V
SYMBOL
PARAMETER
TYP.
UNIT
Rth j-a
from junction to ambient
30
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com