Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1541A/N2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1541A/N2
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A/N2 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1541A/N2 Datasheet HTML 1Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 2Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 3Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 4Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 5Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 6Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 7Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 8Page - NXP Semiconductors TDA1541A/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
February 1991
2
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
FEATURES
• High sound quality
• High performance: low noise and distortion, wide
dynamic range
• 4 × or 8 × oversampling possible
• Selectable two-channel input format
• TTL compatible inputs.
GENERAL DESCRIPTION
The TDA1541A is a stereo 16-bit digital-to-analog
converter (DAC). The ingenious design of the electronic
circuit guarantees a high performance and superior sound
quality. The TDA1541A is therefore extremely suitable for
use in top-end hi-fi digital audio equipment such as high
quality Compact Disc players or digital amplifiers.
ORDERING INFORMATION
Note
1. SOT117; SOT117-1; 1996 August 09.
QUICK REFERENCE DATA
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1541A(1)
28
DIL
plastic
SOT117
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage; pin 28
4.5
5.0
5.5
V
−VDD1
supply voltage; pin 26
4.5
5.0
5.5
V
−VDD2
supply voltage; pin 15
14.0
15.0
16.0
V
IDD
supply current; pin 28
−
27
40
mA
−IDD1
supply current; pin 26
−
37
50
mA
−IDD2
supply current; pin 15
−
25
35
mA
THD
total harmonic distortion
including noise
−−95
−90
dB
at 0 dB
−
0.0018
0.0032
%
THD
total harmonic distortion
including noise
−−42
−
dB
at
−60 dB
−
0.79
−
%
NL
non-linearity
at Tamb =
−20 to +85 °C
−
0.5
1.0
LSB
tcs
current settling time to
± 1LSB
−
0.5
−µs
BR
input bit rate at data input;
(pin 3 and 4)
−−
6.4
Mbits/s
fBCK
clock frequency at clock input
−−
6.4
MHz
TCFS
full scale temperature coefficient
at analog
(AOL;AOR)
−
±200 ×
10-6
−
K-1
Tamb
operating ambient temperature range
−40
−
+85
°C
Ptot
total power dissipation
−
700
−
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com