Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-C Datasheet(PDF) 49 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 49 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 45Page - PANDUIT CORP. PRT2S-C Datasheet HTML 46Page - PANDUIT CORP. PRT2S-C Datasheet HTML 47Page - PANDUIT CORP. PRT2S-C Datasheet HTML 48Page - PANDUIT CORP. PRT2S-C Datasheet HTML 49Page - PANDUIT CORP. PRT2S-C Datasheet HTML 50Page - PANDUIT CORP. PRT2S-C Datasheet HTML 51Page - PANDUIT CORP. PRT2S-C Datasheet HTML 52Page - PANDUIT CORP. PRT2S-C Datasheet HTML 53Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
49
Most commonly used parts appear in BOLD.
Polyethylene
Cable Marker Strap
For identifying telephone and fiber optic cable. Replaces costly and
cumbersome lead marking tags. Lightweight and easy-to-install.
Can be used as wrap-around or “flag” marker. Can also be used in
underground identification applications. Custom hot stamping is
available (see page 52).
Part Number
Color
Marking
Area
in. (mm,)
Max.
Bundle
Dia.
in. (mm)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
STANDARD CROSS SECTION
CM4S-L2
Red
1.50 x 2.62
(38.1 x 66.5)
4.38
(111)
Hand Installed Only
50
500
CM4S-L8
Gray
50
500
WRAP-AROUND
MARKER
(Min. Dia.: 1.27")
“FLAG” MARKER
(Min. Dia.: 25")
Specialty Ties
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see page 50
.
All part numbers shown in standard package quantities unless denoted by ‡.
Loop Excess
Thru Slot
1.50
(38.1)
3.88
(98.5)
.75
(19.1)
.033
(.84)
15.25
(387.4)
Unique design allows
strap to be used as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com