Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2S-C Datasheet(PDF) 80 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 80 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 76Page - PANDUIT CORP. PRT2S-C Datasheet HTML 77Page - PANDUIT CORP. PRT2S-C Datasheet HTML 78Page - PANDUIT CORP. PRT2S-C Datasheet HTML 79Page - PANDUIT CORP. PRT2S-C Datasheet HTML 80Page - PANDUIT CORP. PRT2S-C Datasheet HTML 81Page - PANDUIT CORP. PRT2S-C Datasheet HTML 82Page - PANDUIT CORP. PRT2S-C Datasheet HTML 83Page - PANDUIT CORP. PRT2S-C Datasheet HTML 84Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
80
Most commonly used parts appear in BOLD.
Stainless Steel Strapping System
*Order the number of pieces required in multiples of standard package quantities.
Part Number
Description
Std.
Pkg.
Qty.*
BT1HT
Installation tool. Used for all widths of PANDUIT ® PAN-STEEL®
strapping. Tensions, cuts strapping, and secures the buckle tab.
Ratchet-type tool provides mechanical advantage for tensioning.
Easy to operate.
1
Installation Tools
Hand operated tool. Adjustable
tension control and lever
actuated cut-off.
For more complete information on Stainless Steel Products, see PANDUIT ® Brochure SA-SSCB01.
Stainless Steel
Strapping
• Reduces installation time and leaves no sharp edges
• Burr-free sides
• 304 Stainless Steel
• Designed for use in critical applications where radiation, weathering, corrosion
and temperature extremes are a concern
• Temperature range: -112°F (-80°C) to 1000°F (538°C)
• Fast and reliable alternative to wing seals
Custom Length Strapping System
• Provides job-site
versatility with
minimum inventory
• Gives custom
capability on larger
diameters
• 304 stainless steel
• Buckle is easy to
install—just slip onto
strapping and turn
strapping back
on bundle
*Order the number of strapping, and buckles required in multiples of standard package quantities.
Part Number
Thickness
In. (mm)
Approx.
Width
In. (mm)
Used
With
Buckle
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
STRAPPING
MSW38T15-CR4
.015 (.38)
.38 (9.5)
MSBW38-C4
1*
—
MSW50T15-CR4
.015 (.38)
.50 (12.7)
MSBW50-C4
1*
—
MSW63T15-CR4
.015 (.38)
.63 (15.9)
MSBW63-C4
1*
—
BUCKLES
MSBW38-C4
Used with .38" width strapping.
100
1000
MSBW50-C4
Used with .50” width strapping.
100
1000
MSBW63-C4
Used with .63" width strapping.
100
1000
*Order the number of strapping, and buckles required in multiples of standard package quantities.
Part Number
Thickness
in. (mm)
Width
in. (mm)
Min. Loop
Tensile
Strength
lbs. (N)
Max.
Bundle
Dia.
in. (mm)
Length
in. (mm)
Recommended
PANDUIT ®
Installation
Tool Part No.
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
MS2W38T15-L4
MS4W38T15-L4
MS6W38T15-L4
MS8W38T15-L4
MS10W38T15-L4
.015
(.38)
.38
(9.5)
500
(2225)
2.00 (51)
4.00 (102)
6.00 (152)
8.00 (203)
10.00 (254)
11.8 (300)
18.0 (457)
24.4 (620)
30.7 (780)
37.0 (940)
BT1HT or
BT2MS75
50
50
50
50
50
250
250
250
250
250
MS4W50T15-L4
MS6W50T15-L4
MS8W50T15-L4
MS10W50T15-L4
.015
(.38)
.50
(12.7)
700
(3115)
4.00 (102)
6.00 (152)
8.00 (203)
10.00 (254)
18.0 (457)
24.4 (620)
30.7 (780)
37.0 (940)
BT1HT or
BT2MS75
50
50
50
50
250
250
250
250
MS4W63T15-L4
MS6W63T15-L4
MSW63T15-L4
MS10W63T15-L4
.015
(.38)
.63
(15.9)
800
(3560)
4.00 (102)
6.00 (152)
8.00 (203)
10.00 (254)
18.0 (457)
24.4 (620)
30.7 (780)
37.0 (940)
BT1HT or
BT2MS75
50
50
50
50
250
250
250
250
The PANDUIT ® Method Reduces Installation Time:
1. Place strap around the
material, insert tail of strap
through buckle. Pull
strapping tight and bend up
to hold in place. Insert tail
of strapping into tool nose
section. Squeeze handles
to tension.
2. Once proper tension is
reached, maintain tension
and raise tool 90°-120°
over buckle and pull
down on cutter lever,
cutting strap.
3. Remove tool, press cut
end down and toward
retaining tab.
4. Using the closure level on the handle of the tool, bend
retaining tab down and over cut end. Provides finished,
safe, low profile closure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com